Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPM1006 Datasheet(PDF) 15 Page - Sumida Corporation

Part No. SPM1006
Description  4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

SPM1006 Datasheet(HTML) 15 Page - Sumida Corporation

Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SPM1006
Version 1.5
March 16, 2016
Page 15 of 22
PWGRD
VOUT
EN
VOUT1 5V
PWGRD
VOUT
EN
VOUT2 3.3V
SPM1006
#2
SPM1006
#1
VADJ
RPROG
1.37k
VADJ
RPROG
2.21k
Fig. 22 Sequential Startup, VOUT1 = 5V, VOUT2 = 3.3V
Fig. 23 Typical sequential startup waveforms
Ch1 Blue = 3.3V output
CH2 Cyan = 5V output
CH3 Magenta =PG #1/EN #2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn