Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM1006 Datasheet(PDF) 12 Page - Sumida Corporation

Part # SPM1006
Description  4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1006 Datasheet(HTML) 12 Page - Sumida Corporation

Back Button SPM1006 Datasheet HTML 8Page - Sumida Corporation SPM1006 Datasheet HTML 9Page - Sumida Corporation SPM1006 Datasheet HTML 10Page - Sumida Corporation SPM1006 Datasheet HTML 11Page - Sumida Corporation SPM1006 Datasheet HTML 12Page - Sumida Corporation SPM1006 Datasheet HTML 13Page - Sumida Corporation SPM1006 Datasheet HTML 14Page - Sumida Corporation SPM1006 Datasheet HTML 15Page - Sumida Corporation SPM1006 Datasheet HTML 16Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SPM1006
Version 1.5
March 16, 2016
Page 12 of 22
Fig. 16 Start-Up Waveforms for SPM1006
(set to 1.8V output) without EN control
Fig. 17 and Fig. 18 show the typical output voltage waveforms when SPM1006 is turned on and turned off by the EN
pin. In these figures, the top trace is enable signal (EN), the middle trace is Power Good signal (PWRGD), and the bottom
trace is the output voltage.
Fig. 17 Enable Turn-On for SPM1006
(set to 1.8V, with IOUT = 6A)
Fig. 18 Enable Turn-Off for SPM1006
(set to 1.8V, with IOUT = 6A)
The startup and shutdown waveforms are similar for other output voltages.
Pre-bias Startup
Some applications require startup when there is a residual pre-bias voltage on the output. The SPM1006 can start in
this condition and as long as the pre-bias voltage is lower than the final output the start-up waveform will be normal.
Fig. 19 illustrates start up with pre-bias of approximately 50% of the nominal output voltage. Fig. 20 shows the start-
up when the pre-bias is about 80% of the nominal output.


Similar Part No. - SPM1006

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-0V8C SUMIDA-SPM1004-0V8C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-1V0C SUMIDA-SPM1004-1V0C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-1V2C SUMIDA-SPM1004-1V2C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-1V5C SUMIDA-SPM1004-1V5C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
More results

Similar Description - SPM1006

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1005 SUMIDA-SPM1005 Datasheet
2Mb / 29P
   3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
logo
International Rectifier
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
M3G2803R305R4T IRF-M3G2803R305R4T_15 Datasheet
149Kb / 9P
   28V Input, Triple Output
M3G2803R312T IRF-M3G2803R312T_15 Datasheet
147Kb / 10P
   28V Input, Triple Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
logo
Contec Co., Ltd
CPSN-DI-16BCL CONTEC-CPSN-DI-16BCL Datasheet
588Kb / 3P
   Digital Input Module 16ch, Built-in power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com