Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPM1006 Datasheet(PDF) 10 Page - Sumida Corporation

Part No. SPM1006
Description  4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1006 Datasheet(HTML) 10 Page - Sumida Corporation

Back Button SPM1006 Datasheet HTML 6Page - Sumida Corporation SPM1006 Datasheet HTML 7Page - Sumida Corporation SPM1006 Datasheet HTML 8Page - Sumida Corporation SPM1006 Datasheet HTML 9Page - Sumida Corporation SPM1006 Datasheet HTML 10Page - Sumida Corporation SPM1006 Datasheet HTML 11Page - Sumida Corporation SPM1006 Datasheet HTML 12Page - Sumida Corporation SPM1006 Datasheet HTML 13Page - Sumida Corporation SPM1006 Datasheet HTML 14Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SPM1006
Version 1.5
March 16, 2016
Page 10 of 22
APPLICATION INFORMATION
Output Voltage Programming
The output voltage is programmed using a resistor RPROG from VADJ to PGND, as shown in Fig. 13. By default, the output
voltage is 0.6V without a resistor connected.
Note that the input voltage must be at least 1.5V higher than the output voltage
Fig. 13 Output Voltage Programming Circuit
A single standard 1% resistor can be used to program for any of the common voltages shown in Table 1.
Table 1 - Output Voltage Programming Resistor
0.8V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
5.0V
33.2kΩ
16.5kΩ
11kΩ
7.32kΩ
5.49kΩ
3.48kΩ
2.43kΩ
1.5kΩ
The programming resistor can be calculated for any output voltage using equation (1).
1
6
.
0
/
11
V
V
k
R
OUT
PROG
(1)
Note that the VADJ pin is noise sensitive and the connections to this pin should be kept as short as possible.
To further adjust the output voltage, another resistor RTRIM may be connected between VSENSE and VADJ, as shown
Fig. 14. The resulting output voltage is a function of equation (2).
)
)
11
11
*
(
1
(
*
6
.
0
PROG
TRIM
TRIM
OUT
R
k
R
k
R
V
V
(2)
VADJ
VSENSE
R1
RPROG
VOUT
COUT
0.6V
SPM1006
VOUT
AGND
PGND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn