Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM1004-3V3C Datasheet(PDF) 6 Page - Sumida Corporation

Part # SPM1004-3V3C
Description  12V Input 6A Output Power Supply in Inductor (PSI2) Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1004-3V3C Datasheet(HTML) 6 Page - Sumida Corporation

Back Button SPM1004-3V3C Datasheet HTML 2Page - Sumida Corporation SPM1004-3V3C Datasheet HTML 3Page - Sumida Corporation SPM1004-3V3C Datasheet HTML 4Page - Sumida Corporation SPM1004-3V3C Datasheet HTML 5Page - Sumida Corporation SPM1004-3V3C Datasheet HTML 6Page - Sumida Corporation SPM1004-3V3C Datasheet HTML 7Page - Sumida Corporation SPM1004-3V3C Datasheet HTML 8Page - Sumida Corporation SPM1004-3V3C Datasheet HTML 9Page - Sumida Corporation SPM1004-3V3C Datasheet HTML 10Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SPM1004
Version 3.3
February 19, 2016
Page 6 of 28
SPM1004-1V5
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSTART
Startup voltage
Over IOUT range
8.0
8.5
9.0
V
UVLO
Under Voltage Lock Out
Over IOUT range
6.5
7.0
7.5
V
VOUT(adj): Output voltage trim range
Over IOUT range
1.35
1.5
1.65
V
VOUT
Set point accuracy
TA = 25°C, VIN = 12V, IOUT = 3A
±1%
Temperature variation
-40°C < TA < +85°C, IOUT = 3A
±0.5%
Line regulation
Over VIN range, TA = 25°C, IOUT = 3A
±0.5%
Load regulation
Over IOUT range, TA = 25°C, VIN = 12V
±1%
Total variation
Set-point, line, load, temperature variation
±3%
Vo_rip,
Output voltage ripple
20MHz bandwidth, VIN = 12V, IOUT = 6A
20
mVpp
η
Efficiency
VIN = 12V
IOUT = 3A
90.2%
IOUT = 6A
86.1%
VIN = 9V
IOUT = 3A
90.8%
IOUT = 6A
86.4%
VIN = 15V
IOUT = 3A
89.3%
IOUT = 6A
85.4%
Transient Response
1A/μs load step
between 2A and 5A
Over/undershoot
20
mV
Recovery time
50
μs
FS
Switching frequency
VIN = 12V, IOUT = 6A
550
kHz
ILIM
Current Limit Point
VIN = 12V
8.5
A
SPM1004-1V2
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSTART
Startup voltage
Over IOUT range
8.0
8.5
9.0
V
UVLO
Under Voltage Lock Out
Over IOUT range
6.5
7.0
7.5
V
VOUT(adj): Output voltage trim range
Over IOUT range
1.08
1.2
1.32
V
VOUT
Set point accuracy
TA = 25°C, VIN = 12V, IOUT = 3A
±1%
Temperature variation
-40°C < TA < +85°C, IOUT = 3A
±0.5%
Line regulation
Over VIN range, TA = 25°C, IOUT = 3A
±0.5%
Load regulation
Over IOUT range, TA = 25°C, VIN = 12V
±1%
Total variation
Set-point, line, load, temperature variation
±3%
Vo_rip,
Output voltage ripple
20MHz bandwidth, VIN = 12V, IOUT = 6A
20
mVpp
η
Efficiency
VIN = 12V
IOUT = 3A
89.9%
IOUT = 6A
84.5%
VIN = 9V
IOUT = 3A
89.9%
IOUT = 6A
84.7%
VIN = 15V
IOUT = 3A
88.6%
IOUT = 6A
83.7%
Transient Response
1A/μs load step
between 2A and 5A
Over/undershoot
20
mV
Recovery time
30
μs
FS
Switching frequency
VIN = 12V, IOUT = 6A
450
kHz
ILIM
Current Limit Point
VIN = 12V
8.5
A


Similar Part No. - SPM1004-3V3C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM10040T-100M-HZ TDK-SPM10040T-100M-HZ Datasheet
277Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-150M-HZ TDK-SPM10040T-150M-HZ Datasheet
280Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-1R0M-HZ TDK-SPM10040T-1R0M-HZ Datasheet
274Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-1R5M-HZ TDK-SPM10040T-1R5M-HZ Datasheet
278Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-220M-HZ TDK-SPM10040T-220M-HZ Datasheet
279Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM1004-3V3C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1005 SUMIDA-SPM1005 Datasheet
2Mb / 29P
   3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
SPM1006 SUMIDA-SPM1006 Datasheet
1Mb / 22P
   4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
logo
Maxim Integrated Produc...
REFD5512 MAXIM-REFD5512 Datasheet
119Kb / 5P
   Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
Nov 06, 2012
logo
Coolgear Inc.
12V7A2P-A COOLGEAR-12V7A2P-A Datasheet
381Kb / 2P
   12V 6A Power Supply for 2 Pin USB Hub Power A
12V7A3P-B COOLGEAR-12V7A3P-B Datasheet
199Kb / 2P
   12V 6A Power Supply for 3 Pin USB Hub Power B
logo
Contec Co., Ltd
CPSN-DI-16BCL CONTEC-CPSN-DI-16BCL Datasheet
588Kb / 3P
   Digital Input Module 16ch, Built-in power supply
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
logo
Coolgear Inc.
12V7A2P-B COOLGEAR-12V7A2P-B Datasheet
391Kb / 2P
   70w 12V/6A Power Supply for 2 Pin USB Hub Power B
logo
Rohm
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com