Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDMC10D50T150NP-1R6MC Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDMC10D50T150NP-1R6MC
Description  LED Head light for Automobile
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC10D50T150NP-1R6MC Datasheet(HTML) 5 Page - Sumida Corporation

  CDMC10D50T150NP-1R6MC Datasheet HTML 1Page - Sumida Corporation CDMC10D50T150NP-1R6MC Datasheet HTML 2Page - Sumida Corporation CDMC10D50T150NP-1R6MC Datasheet HTML 3Page - Sumida Corporation CDMC10D50T150NP-1R6MC Datasheet HTML 4Page - Sumida Corporation CDMC10D50T150NP-1R6MC Datasheet HTML 5Page - Sumida Corporation CDMC10D50T150NP-1R6MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
備考
: 本仕様書は、製品の改善等により記載内容を予告なく変更することがありますのでご了承ください。また、ご注文の際のお問い合わせは、
最寄りの地域営業へご連絡ください。
Page 2 of 3
Rev.3(2014.10)
CDMC10D50/T150
CDMC10D50T150NP-1R1M
CDMC10D50T150NP-1R6M
CDMC10D50T150NP-2R2M
CDMC10D50T150NP-2R7M
CDMC10D50T150NP-3R3M
CDMC10D50T150NP-4R3M
0.0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
30
35
40
Idc ( A )
0
20
40
60
80
100
20deg
110deg
150deg
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
Idc ( A )
0
20
40
60
80
100
20deg
110deg
150deg
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
Idc ( A )
0
20
40
60
80
100
20deg
110deg
150deg
0.0
1.0
2.0
3.0
4.0
5.0
0
5
10
15
20
25
30
Idc ( A )
0
20
40
60
80
100
20deg
110deg
150deg
0.0
1.0
2.0
3.0
4.0
5.0
0
5
10
15
20
25
30
Idc ( A )
0
20
40
60
80
100
20deg
110deg
150deg
0.0
1.0
2.0
3.0
4.0
5.0
0
5
10
15
20
25
Idc ( A )
0
20
40
60
80
100
20deg
110deg
150deg


Similar Part No. - CDMC10D50T150NP-1R6MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMC104 SUMIDA-CDMC104 Datasheet
133Kb / 1P
   POWER INDUCTORS
CDMC104NP-R36M SUMIDA-CDMC104NP-R36M Datasheet
133Kb / 1P
   POWER INDUCTORS
CDMC104NP-R36M SUMIDA-CDMC104NP-R36M Datasheet
131Kb / 2P
   SMD Power Inductor
CDMC104NP-R56M SUMIDA-CDMC104NP-R56M Datasheet
133Kb / 1P
   POWER INDUCTORS
CDMC104NP-R56M SUMIDA-CDMC104NP-R56M Datasheet
131Kb / 2P
   SMD Power Inductor
More results

Similar Description - CDMC10D50T150NP-1R6MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D60B SUMIDA-CDRH10D60B Datasheet
186Kb / 1P
   LED Head light for Automobile
CDRH12D77B SUMIDA-CDRH12D77B Datasheet
172Kb / 1P
   LED Head light for Automobile
CDRH70D45B SUMIDA-CDRH70D45B Datasheet
198Kb / 1P
   LED Head light for Automobile
CDMC50D38 SUMIDA-CDMC50D38 Datasheet
201Kb / 4P
   LED Head light for Automobile
CDMC80D50 SUMIDA-CDMC80D50 Datasheet
733Kb / 8P
   LED Head light for Automobile
CDRH60D45B SUMIDA-CDRH60D45B Datasheet
256Kb / 1P
   LED Head light for Automobile
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212_15 Datasheet
159Kb / 2P
   Integrated light emitting/receiving elements for automobile VICS
logo
SHOUDING Shouding Semic...
SD3301 SHOUDING-SD3301 Datasheet
648Kb / 4P
   1W & 3W Light touch switch LED / head light drive
logo
Schneider Electric
ZB5AV033 SCHNEIDER-ZB5AV033 Datasheet
194Kb / 8P
   green pilot light head 횠22 plain lens for integral LED
Aug 11, 2019
ZB4FV053 SCHNEIDER-ZB4FV053 Datasheet
157Kb / 8P
   Head for pilot light, Harmony XB4, flush mounted orange integral LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com