Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C32C-12D Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # 80C32C-12D
Description  CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

80C32C-12D Datasheet(HTML) 3 Page - TEMIC Semiconductors

  80C32C-12D Datasheet HTML 1Page - TEMIC Semiconductors 80C32C-12D Datasheet HTML 2Page - TEMIC Semiconductors 80C32C-12D Datasheet HTML 3Page - TEMIC Semiconductors 80C32C-12D Datasheet HTML 4Page - TEMIC Semiconductors 80C32C-12D Datasheet HTML 5Page - TEMIC Semiconductors 80C32C-12D Datasheet HTML 6Page - TEMIC Semiconductors 80C32C-12D Datasheet HTML 7Page - TEMIC Semiconductors 80C32C-12D Datasheet HTML 8Page - TEMIC Semiconductors 80C32C-12D Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
80C32/80C52
MATRA MHS
Rev. E (31/08/95)
3
Figure 2. Pin Configuration
80C32/80C52
80C32/80C52
Diagrams are for reference only. Package sizes are not to scale.
DIL
LCC
Flat Pack
P0.4/A4
P1.5
P1.6
P1.7
RST
RxD/P3.0
NC
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
P0.5/A5
P0.6/A6
P0.7/A7
EA
NC
ALE
PSEN
P2.7/A14
P2.6/A13
P2.5/A12
15
P
16
P
17
P
30
RxD/P
31
TxD/P
32
INT0/P
33
INT1/P
34
T0/P
35
T1/P
RST
NC
04
P
/A4
05
P
/A5
06
P
/A6
07
P
/A7
EA
NC
ALE
PSEN
27
P /A15
26
P /A14
25
P /A13


Similar Part No. - 80C32C-12D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
logo
Maxim Integrated Produc...
80C32 MAXIM-80C32 Datasheet
458Kb / 9P
   80C32MODULE
1996
logo
Intel Corporation
80C32 INTEL-80C32 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C32 INTEL-80C32 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - 80C32C-12D

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com