Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17651 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17651
Description  60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17651 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17651 Datasheet HTML 1Page - Maxim Integrated Products MAX17651 Datasheet HTML 2Page - Maxim Integrated Products MAX17651 Datasheet HTML 3Page - Maxim Integrated Products MAX17651 Datasheet HTML 4Page - Maxim Integrated Products MAX17651 Datasheet HTML 5Page - Maxim Integrated Products MAX17651 Datasheet HTML 6Page - Maxim Integrated Products MAX17651 Datasheet HTML 7Page - Maxim Integrated Products MAX17651 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ordering Information appears at end of data sheet.
19-7454; Rev 1; 3/16
General Description
The MAX17651 ultra-low quiescent current, high-voltage
linear regulator is ideal for use in industrial and battery-
operated systems. The device operates from a 4V to 60V
input voltage, delivers up to 100mA of load current, and
consumes only 8μA of quiescent current at no load. The
device consumes only 0.9μA current when in shutdown.
Output voltage is adjustable in the 0.6V to 59V voltage
range. Feedback voltage accuracy is ±2% over temperature.
An open-drain, active-low PGOOD pin provides a power-
good signal to the system upon achieving successful
regulation of the output voltage. The device also incorporates
an enable pin (EN) that allows the user to turn the part
on or off. The device has a thermal shutdown feature that
shuts down the part when the die temperature exceeds
165°C. The MAX17651 operates over the -40°C to
+125°C industrial temperature range and is available in a
6 lead, compact TSOT package.
Applications
● Low-Current Industrial Power Supplies
● Battery-Powered Equipment
● Post Regulator for Switching Power Supplies
● Utility Meters
● Remote Sensors
Benefits and Features
● Extremely Easy to Use
• Only 4 External Components Required
• Stable with Tiny 4.7μF, 0805 Output Capacitor
• All Ceramic Capacitors, Compact Layout
● Reduces Number of Linear Regulators to Stock
• Wide 4V to 60V Input Voltage Range
• Adjustable 0.6V to 59V Output
• Up to 100mA Load Current Capability
● Operates Reliably in Adverse Industrial Environments
• Built-In Output Voltage Monitoring with PGOOD Pin
• High-Voltage ENABLE Input
• Low 8μA Quiescent Current
• Low Dropout Voltage of 300mV at 100mA
• Overload Protection
• Overtemperature Protection
• -40°C to +125°C Operation
VOUT
R1
432kΩ
5V
R2
59kΩ
COUT
4.7µF
PGOOD
OUT
FB
CIN
0.1µF
EN
IN
GND
VOUT
5.5V TO 60V
MAX17651
Application Circuit for 5V Output
MAX17651
60V, 100mA, Ultra-Low Quiescent Current,
Linear Regulator


Similar Part No. - MAX17651

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
MAX1765 MAXIM-MAX1765 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
208Kb / 7P
   Both Outputs Are Adjustable with External Resistors
Rev 0; 12/00
MAX1765EEE MAXIM-MAX1765EEE Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
MAX1765EEE MAXIM-MAX1765EEE Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
More results

Similar Description - MAX17651

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Fitipower Integrated Te...
FP6141 FITIPOWER-FP6141 Datasheet
498Kb / 10P
   100mA Ultra-Low Quiescent Current Low Dropout Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com