Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17559 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX17559
Description  60V, Dual-Output, Synchronous Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17559 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX17559 Datasheet HTML 2Page - Maxim Integrated Products MAX17559 Datasheet HTML 3Page - Maxim Integrated Products MAX17559 Datasheet HTML 4Page - Maxim Integrated Products MAX17559 Datasheet HTML 5Page - Maxim Integrated Products MAX17559 Datasheet HTML 6Page - Maxim Integrated Products MAX17559 Datasheet HTML 7Page - Maxim Integrated Products MAX17559 Datasheet HTML 8Page - Maxim Integrated Products MAX17559 Datasheet HTML 9Page - Maxim Integrated Products MAX17559 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
(VIN = 24V, RT = open, CVCCINT = 4.7µF, EN_ = open, DH_, DL_ = open, TJ = -40°C to +125°C, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
Note 2: Limits are 100% tested at TA = 25°C. Limits over the temperature range and relevant supply voltage range are guaranteed
by design and characterization.
Note 3: This supply current excludes the switching current due to the external MOSFETs’ gate charge.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT
ILIM_ reference current
4.5
5
5.5
µA
Adjustable Cycle-by-Cycle
Peak Current-Limit Threshold
0.6V < ILIM_ <2V
30
100
mV
Peak Current-Limit Threshold
Programming Gain
0.6V < ILIM_ <2V
42.5
50
57.5
mV/V
ILIM_ THRESHOLD
Low-Voltage Threshold
Rising
0.3
0.4
0.5
V
High-Voltage Threshold
Rising, with respect to VCCINT
-1.5
-1
-0.5
V
ILIMSEL THRESHOLD
Low-Voltage Threshold
Rising
0.4
V
ERROR AMPLIFIER
Feedback Regulation Voltage
VFB_
786.5
800
813.5
mV
FB _ Input Leakage Current
VFB_ = 0.8V, TA = TJ = 25°C
-100
0
+100
nA
Transconductance
gM_
1.7
2
2.3
mA/V
POWER-GOOD OUTPUTS
PGOOD_ Threshold
VFB__rising
103
110
113
% of
FB_
VFB__falling
87
90
93
PGOOD_ Output Low Level
IPGOOD_ = 10mA
0.05
0.15
0.25
V
PGOOD_ Leakage Current
VPGOOD_= 5V , TA = TJ = 25°C
-100
+100
nA
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
160
°C
Thermal-Shutdown Hysteresis
20
°C
MAX17559
60V, Dual-Output, Synchronous
Step-Down Controller
www.maximintegrated.com
Maxim Integrated │ 6
Electrical Characteristics (continued)


Similar Part No. - MAX17559

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
3Mb / 16P
   150kHz Switching Frequency
Rev 0; 6/15
MAX17559EVKIT MAXIM-MAX17559EVKIT Datasheet
3Mb / 16P
   150kHz Switching Frequency
Rev 0; 6/15
More results

Similar Description - MAX17559

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
logo
Linear Technology
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
   Low IQ, 60V Synchronous Step-Down Controller
logo
Maxim Integrated Produc...
MAX17557 MAXIM-MAX17557_V01 Datasheet
750Kb / 25P
   4.5V to 60V, Synchronous Step-Down Controller
2018
MAX17557 MAXIM-MAX17557 Datasheet
793Kb / 21P
   4.5V to 60V, Synchronous Step-Down Controller
Rev 0; 6/17
logo
Texas Instruments
TPS51225 TI1-TPS51225_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller
logo
Semtech Corporation
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
BD9610AMUV-E2 ROHM-BD9610AMUV-E2 Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
BD9611MUV ROHM-BD9611MUV Datasheet
2Mb / 40P
   60V Synchronous Step-down Switching Regulator (Controller Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com