Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX16122 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. MAX16122
Description  Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16122 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX16122 Datasheet HTML 8Page - Maxim Integrated Products MAX16122 Datasheet HTML 9Page - Maxim Integrated Products MAX16122 Datasheet HTML 10Page - Maxim Integrated Products MAX16122 Datasheet HTML 11Page - Maxim Integrated Products MAX16122 Datasheet HTML 12Page - Maxim Integrated Products MAX16122 Datasheet HTML 13Page - Maxim Integrated Products MAX16122 Datasheet HTML 14Page - Maxim Integrated Products MAX16122 Datasheet HTML 15Page - Maxim Integrated Products MAX16122 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Table 1a. SEL Pin Connection Setup
Delays (tSU)
Table 1b. Resistor-Adjusted Setup
Delays (tSU)
Table 2. Reset Timeouts (tRP)
Table 3. VCC Reset Threshold Voltage
(VTH)
PART
SUFFIX
SETUP DELAYS (s)
SEL = GND
SEL =
UNCONNECTED
SEL = VCC
A
0.5
1
2
B
3
4
5
C
6
8
10
D
13
15
17
E
See Table 1b
RESISTOR (kΩ)
SETUP DELAYS (s)
10
0.5
18
0.9
22
1.1
27
1.35
39
1.95
47
2.35
56
2.8
82
4.1
100
5
180
9
220
11
PART SUFFIX
MINIMUM RESET TIMEOUT (ms)
A
0.9
B
1.8
C
3.6
D
7.2
E
14.4
F
28.8
G
57.6
H
86.4
I
115.2
J
172.8
K
230.4
L
259.2
M
345.6
N
460.8
O
691.2
P
921.6
Q
1843.2
R
3686.4
S
7372.8
SUFFIX
VCC RESET THRESHOLD
VOLTAGE (V) (typ)
00
No Monitoring
16
1.58
17
1.67
22
2.19
23
2.32
29
2.93
31
3.08
44
4.38
46
4.63
MAX16122–MAX16125
Dual Pushbutton Controllers in
Tiny 6-Bump WLP Package
www.maximintegrated.com
Maxim Integrated │ 14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn