Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4909 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4909
Description  Dual 3:1 Clickless Audio Multiplexers with Negative-Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4909 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4909 Datasheet HTML 6Page - Maxim Integrated Products MAX4909 Datasheet HTML 7Page - Maxim Integrated Products MAX4909 Datasheet HTML 8Page - Maxim Integrated Products MAX4909 Datasheet HTML 9Page - Maxim Integrated Products MAX4909 Datasheet HTML 10Page - Maxim Integrated Products MAX4909 Datasheet HTML 11Page - Maxim Integrated Products MAX4909 Datasheet HTML 12Page - Maxim Integrated Products MAX4909 Datasheet HTML 13Page - Maxim Integrated Products MAX4909 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Figure 6. Channel Off/On-Capacitance
Figure 5. On-Loss, Off-Isolation, and Crosstalk
GND
VIL OR VIH
VCC
VCC
MAX4908
MAX4909
MAX4930
MAX4932
X, Y
X_, Y_
CB1
CB2
f = 1MHz
CAPACITANCE
ANALYZER
NOTES: MEASUREMENTS ARE STANDARDIZED AGAINST SHORTS AT IC TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN X, Y AND "OFF" X_, Y_ TERMINAL ON EACH MUX.
ON-LOSS IS MEASURED BETWEEN X, Y AND "ON" X_, Y_ TERMINAL ON EACH MUX.
CROSSTALK IS MEASURED FROM ONE CHANNEL TO THE OTHER CHANNEL.
SIGNAL DIRECTION THROUGH MUX IS REVERSED; WORST VALUES ARE RECORDED.
VOUT
VCC
VCC
CB1
X_, Y_
X, Y
VIN
MAX4908
MAX4909
MAX4930
MAX4932
OFF-ISOLATION = 20log VOUT
VIN
ON-LOSS = 20log VOUT
VIN
CROSSTALK = 20log VOUT
VIN
CB2
NETWORK
ANALYZER
50Ω
50Ω
50Ω
50Ω
MEAS.
REF
10nF
CHANNEL
SELECT
GND
MAX4908/MAX4909/
MAX4930/MAX4932
Dual 3:1 Clickless Audio Multiplexers
with Negative-Signal Handling
www.maximintegrated.com
Maxim Integrated │ 12
Test Circuits/Timing Diagrams (continued)


Similar Part No. - MAX4909

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX490 MAXIM-MAX490 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX490 MAXIM-MAX490 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX490 MAXIM-MAX490 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX490 ARTSCHIP-MAX490 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Maxim Integrated Produc...
MAX490 MAXIM-MAX490 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-0122; Rev 10; 9/14
More results

Similar Description - MAX4909

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Renesas Technology Corp
IDTHS231P16 RENESAS-IDTHS231P16 Datasheet
365Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
2019
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
logo
Integrated Device Techn...
IDTHS221P10 IDT-IDTHS221P10 Datasheet
223Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
IDTHS231P16 IDT-IDTHS231P16 Datasheet
204Kb / 10P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
logo
ams AG
AS1747 AMSCO-AS1747 Datasheet
415Kb / 13P
   Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Pericom Semiconductor C...
PI3A288 PERICOM-PI3A288 Datasheet
553Kb / 9P
   Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
logo
ON Semiconductor
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
   Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com