Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF3M-1715-1D Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XF3M-1715-1D
Description  Rotary Backlock Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF3M-1715-1D Datasheet(HTML) 4 Page - Omron Electronics LLC

  XF3M-1715-1D Datasheet HTML 1Page - Omron Electronics LLC XF3M-1715-1D Datasheet HTML 2Page - Omron Electronics LLC XF3M-1715-1D Datasheet HTML 3Page - Omron Electronics LLC XF3M-1715-1D Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XF3M
Rotary Backlock Connector (0.5-mm Pitch, 1.0-mm Pitch, Dual Contact, Upper Contact)
17
XF3M(1) 1.0-mm pitch model
■ Dimensions
XF3M(1)-
@@15-1B
XF3M(1)-
@@15-1D
■ Ordering Information
● Dual Contact Models - Gold plating
1500pcs per reel
100pcs per reel
● Dual Contact Models - Tin plating
1500pcs per reel
100pcs per reel
*1.
Please consult your OMRON representative for available pin count.
Please consult your OMRON representative for the marketing dates for pin counts in parentheses.
*2.
Please order by integer multiple of the quantity per reel.
Pins*1
Model
Pins*1
Model
Pins*1
Model
Pins*1
Model
Quantity per reel (unit) *2
4
XF3M(1)-0415-1B
10
XF3M(1)-1015-1B
(17)
XF3M(1)-1715-1B
(25)
XF3M(1)-2515-1B
1,500
5
XF3M(1)-0515-1B
11
XF3M(1)-1115-1B
18
XF3M(1)-1815-1B
26
XF3M(1)-2615-1B
6
XF3M(1)-0615-1B
12
XF3M(1)-1215-1B
20
XF3M(1)-2015-1B
(28)
XF3M(1)-2815-1B
7
XF3M(1)-0715-1B
14
XF3M(1)-1415-1B
22
XF3M(1)-2215-1B
30
XF3M(1)-3015-1B
8
XF3M(1)-0815-1B
15
XF3M(1)-1515-1B
(23)
XF3M(1)-2315-1B
(32)
XF3M(1)-3215-1B
9
XF3M(1)-0915-1B
16
XF3M(1)-1615-1B
(24)
XF3M(1)-2415-1B
Pins*1
Model
Pins*1
Model
Pins*1
Model
Pins*1
Model
Quantity per reel (unit) *2
4
XF3M(1)-0415-1B-R100
10
XF3M(1)-1015-1B-R100
(17)
XF3M(1)-1715-1B-R100 (25)
XF3M(1)-2515-1B-R100
100
5
XF3M(1)-0515-1B-R100
11
XF3M(1)-1115-1B-R100
18
XF3M(1)-1815-1B-R100
26
XF3M(1)-2615-1B-R100
6
XF3M(1)-0615-1B-R100
12
XF3M(1)-1215-1B-R100
20
XF3M(1)-2015-1B-R100 (28)
XF3M(1)-2815-1B-R100
7
XF3M(1)-0715-1B-R100
14
XF3M(1)-1415-1B-R100
22
XF3M(1)-2215-1B-R100
30
XF3M(1)-3015-1B-R100
8
XF3M(1)-0815-1B-R100
15
XF3M(1)-1515-1B-R100
(23)
XF3M(1)-2315-1B-R100 (32)
XF3M(1)-3215-1B-R100
9
XF3M(1)-0915-1B-R100
16
XF3M(1)-1615-1B-R100
(24)
XF3M(1)-2415-1B-R100
Pins*1
Model
Pins*1
Model
Pins*1
Model
Pins*1
Model
Quantity per reel (unit) *2
(4)
XF3M(1)-0415-1D
10
XF3M(1)-1015-1D
(17)
XF3M(1)-1715-1D
(25)
XF3M(1)-2515-1D
1,500
(5)
XF3M(1)-0515-1D
(11)
XF3M(1)-1115-1D
18
XF3M(1)-1815-1D
(26)
XF3M(1)-2615-1D
(6)
XF3M(1)-0615-1D
12
XF3M(1)-1215-1D
20
XF3M(1)-2015-1D
(28)
XF3M(1)-2815-1D
(7)
XF3M(1)-0715-1D
(14)
XF3M(1)-1415-1D
22
XF3M(1)-2215-1D
(30)
XF3M(1)-3015-1D
(8)
XF3M(1)-0815-1D
(15)
XF3M(1)-1515-1D
(23)
XF3M(1)-2315-1D
(32)
XF3M(1)-3215-1D
(9)
XF3M(1)-0915-1D
(16)
XF3M(1)-1615-1D
(24)
XF3M(1)-2415-1D
Pins*1
Model
Pins*1
Model
Pins*1
Model
Pins*1
Model
Quantity per reel (unit) *2
(4)
XF3M(1)-0415-1D-R100
10
XF3M(1)-1015-1D-R100
(17)
XF3M(1)-1715-1D-R100 (25)
XF3M(1)-2515-1D-R100
100
(5)
XF3M(1)-0515-1D-R100 (11)
XF3M(1)-1115-1D-R100
(18)
XF3M(1)-1815-1D-R100 (26)
XF3M(1)-2615-1D-R100
(6)
XF3M(1)-0615-1D-R100 (12)
XF3M(1)-1215-1D-R100
(20)
XF3M(1)-2015-1D-R100 (28)
XF3M(1)-2815-1D-R100
(7)
XF3M(1)-0715-1D-R100 (14)
XF3M(1)-1415-1D-R100
(22)
XF3M(1)-2215-1D-R100 (30)
XF3M(1)-3015-1D-R100
(8)
XF3M(1)-0815-1D-R100 (15)
XF3M(1)-1515-1D-R100
(23)
XF3M(1)-2315-1D-R100 (32)
XF3M(1)-3215-1D-R100
(9)
XF3M(1)-0915-1D-R100 (16)
XF3M(1)-1615-1D-R100
(24)
XF3M(1)-2415-1D-R100
C
B
5.2
5.7
A
(2.3)
(2.3)
1
0.15
1.2
(3.13)
0.5
4.05
(3.13)
2.49
D
6.4
2
1.3 Effective stacking length
Unlocked
Locked
Slider
FPC insertion dimension
Housing
Hold-down
Terminal No.1
Contacts
(0.5)
(0.5)
A±0.1
1±0.1
1.5±0.1
2.2±0.1
1.3±0.1
0.6±0.1
(0.45)
1±0.1
3.5MIN
A±0.1
1±0.1
0.65±0.1
0.3±0.05
2-R0.2
F±0.1
G±0.1
E
+0.07
PCB Dimensions (TOP VIEW)
Recommended FPC/FFC
Dimensions
4.5MIN
(REINFORCEMENT)
(1.3)
Effective
stacking length
-0.12
Table of Dimensions
Pins*1
ABC
D
E
F
G
4
3.0
7.6
8.6
5.05
5.0
6.0
9.6
5
4.0
8.6
9.6
6.05
6.0
7.0
10.6
6
5.0
9.6
10.6
7.05
7.0
8.0
11.6
7
6.0
10.6
11.6
8.05
8.0
9.0
12.6
8
7.0
11.6
12.6
9.05
9.0
10.0
13.6
9
8.0
12.6
13.6 10.05
10.0
11.0
14.6
10
9.0
13.6
14.6 11.05
11.0
12.0
15.6
11
10.0
14.6
15.6 12.05
12.0
13.0
16.6
12
11.0
15.6
16.6 13.05
13.0
14.0
17.6
14
13.0
17.6
18.6 15.05
15.0
16.0
19.6
15
14.0
18.6
19.6 16.05
16.0
17.0
20.6
16
15.0
19.6
20.6 17.05
17.0
18.0
21.6
17
16.0
20.6
21.6 18.05
18.0
19.0
22.6
18
17.0
21.6
22.6 19.05
19.0
20.0
23.6
20
19.0
23.6
24.6 21.05
21.0
22.0
25.6
22
21.0
25.6
26.6 23.05
23.0
24.0
27.6
23
22.0
26.6
27.6 24.05
24.0
25.0
28.6
24
23.0
27.6
28.6 25.05
25.0
26.0
29.6
25
24.0
28.6
29.6 26.05
26.0
27.0
30.6
26
25.0
29.6
30.6 27.05
27.0
28.0
31.6
28
27.0
31.6
32.6 29.05
29.0
30.0
33.6
30
29.0
33.6
34.6 31.05
31.0
32.0
35.6
32
31.0
35.6
36.6 32.05
33.0
34.0
37.6


Similar Part No. - XF3M-1715-1D

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF3006-VOCMC XFMRS-XF3006-VOCMC Datasheet
37Kb / 1P
   COMMON MODE CHOKE
XF3006C-EP7S XFMRS-XF3006C-EP7S Datasheet
57Kb / 1P
   TRANSFORMER
XF3009-VO1 XFMRS-XF3009-VO1 Datasheet
35Kb / 1P
   TORODIAL INDUCTOR
XF303015-2R2M XFMRS-XF303015-2R2M Datasheet
46Kb / 1P
   SMD INDUCTOR
XF30438 XFMRS-XF30438 Datasheet
42Kb / 1P
   TRANSFORMER
More results

Similar Description - XF3M-1715-1D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2M OMRON-XF2M Datasheet
240Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2B OMRON-XF2B Datasheet
323Kb / 4P
   Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
XF2M_1011 OMRON-XF2M_1011 Datasheet
192Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF3C OMRON-XF3C Datasheet
278Kb / 4P
   Rotary Backlock Connector (0.25-mm Pitch, Dual Contact)
XF2K OMRON-XF2K Datasheet
241Kb / 4P
   Rotary Backlock Connector (0.4-mm Pitch, Dual Contact)
XF2C OMRON-XF2C Datasheet
296Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF2W OMRON-XF2W Datasheet
259Kb / 4P
   Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF3A OMRON-XF3A Datasheet
278Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF3B OMRON-XF3B Datasheet
321Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Dual Contact)
XF3Z OMRON-XF3Z Datasheet
317Kb / 2P
   Rotary Frontlock Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com