Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

653114131822 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 653114131822
Description  1.25 SMT MALE HORIZONTAL SHROUDED HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

653114131822 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  653114131822 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 653114131822 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 653114131822 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 3/3
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 653114131822

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
653114124022 WURTH-653114124022 Datasheet
367Kb / 2P
   1.25 SMT MALE VERTICAL SHROUDED HEADER
653114124022 WURTH-653114124022 Datasheet
819Kb / 3P
   1.25 MM SMT MALE VERTICAL SHROUDED HEADER
More results

Similar Description - 653114131822

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
653102124022 WURTH-653102124022 Datasheet
367Kb / 2P
   1.25 SMT MALE VERTICAL SHROUDED HEADER
6481XX131822 WURTH-6481XX131822 Datasheet
708Kb / 2P
   1.50 SMT MALE HORIZONTAL SHROUDED HEADER
6531XX124022 WURTH-6531XX124022 Datasheet
819Kb / 3P
   1.25 MM SMT MALE VERTICAL SHROUDED HEADER
6201XX131822 WURTH-6201XX131822 Datasheet
1Mb / 1P
   2.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
6651XX131822 WURTH-6651XX131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
   WR-WTB SMT Male Vertical Shrouded Header
002.000
6793XX124022 WURTH-6793XX124022 Datasheet
890Kb / 3P
   1.50 MM SMT MALE VERTICAL SHROUDED HEADER
I 28-FEB-17
6203XX124022 WURTH-6203XX124022 Datasheet
715Kb / 1P
   2.00 MM SMT MALE VERTICAL SHROUDED HEADER
logo
FCI connector
20021221 FCI-CONNECTOR-20021221 Datasheet
103Kb / 2P
   1.27X1.27MM BTB HEADER SHROUDED, SMT
logo
Adam Technologies, Inc.
HSH-XX-WSG-SMT-NP-PP-TR ADAM-TECH-HSH-XX-WSG-SMT-NP-PP-TR Datasheet
88Kb / 1P
   SHROUDED HEADER VERTICAL SMT TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com