Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

653113131822 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 653113131822
Description  1.25 SMT MALE HORIZONTAL SHROUDED HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

653113131822 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  653113131822 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 653113131822 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 653113131822 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
UNIT: MM
DESCRIPTION: 1.25
SMT MALE HORIZONTAL SHROUDED HEADER
SCALE:
SHEET: 1/3
WERI PART NO: 653 1xx 131 822
DRAW: ANDY
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: NYLON 46
FLAMABILITY RATING: UL94-V0
COLOR: IVORY
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: TIN
QUALITY CLASS: 25 MATING CYCLES
PITCH: 1.25 MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 85°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 1 A
WORKING VOLTAGE: 125 VAC
INSULATOR RESISTANCE: >100 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 250 VAC/MN
CONTACT RESISTANCE: 20 mOHM MAX
PACKAGING
TAPE AND REEL
DIMENSION
A = 1.25 x (NB PIN - 1)
B = 1.25 x (NB PIN + 1) + 3.5
C = 1.25 x (NB PIN + 1) + 0.5
PC B LAYOUT - C OMPONENT VIEW
MM
SOLDERING
JEDEC LEAD FREE REFLOW SOLDERING PROCESS
H
APPROVAL: BBu
06-AUG-15
COLOR
AK


Similar Part No. - 653113131822

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
653113124022 WURTH-653113124022 Datasheet
367Kb / 2P
   1.25 SMT MALE VERTICAL SHROUDED HEADER
653113124022 WURTH-653113124022 Datasheet
819Kb / 3P
   1.25 MM SMT MALE VERTICAL SHROUDED HEADER
More results

Similar Description - 653113131822

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
653102124022 WURTH-653102124022 Datasheet
367Kb / 2P
   1.25 SMT MALE VERTICAL SHROUDED HEADER
6481XX131822 WURTH-6481XX131822 Datasheet
708Kb / 2P
   1.50 SMT MALE HORIZONTAL SHROUDED HEADER
6531XX124022 WURTH-6531XX124022 Datasheet
819Kb / 3P
   1.25 MM SMT MALE VERTICAL SHROUDED HEADER
6201XX131822 WURTH-6201XX131822 Datasheet
1Mb / 1P
   2.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
6651XX131822 WURTH-6651XX131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
   WR-WTB SMT Male Vertical Shrouded Header
002.000
6793XX124022 WURTH-6793XX124022 Datasheet
890Kb / 3P
   1.50 MM SMT MALE VERTICAL SHROUDED HEADER
I 28-FEB-17
6203XX124022 WURTH-6203XX124022 Datasheet
715Kb / 1P
   2.00 MM SMT MALE VERTICAL SHROUDED HEADER
logo
FCI connector
20021221 FCI-CONNECTOR-20021221 Datasheet
103Kb / 2P
   1.27X1.27MM BTB HEADER SHROUDED, SMT
logo
Adam Technologies, Inc.
HSH-XX-WSG-SMT-NP-PP-TR ADAM-TECH-HSH-XX-WSG-SMT-NP-PP-TR Datasheet
88Kb / 1P
   SHROUDED HEADER VERTICAL SMT TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com