Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM24LC08INA Datasheet(PDF) 1 Page - Anachip Corp

Part # AM24LC08INA
Description  2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC08INA Datasheet(HTML) 1 Page - Anachip Corp

  AM24LC08INA Datasheet HTML 1Page - Anachip Corp AM24LC08INA Datasheet HTML 2Page - Anachip Corp AM24LC08INA Datasheet HTML 3Page - Anachip Corp AM24LC08INA Datasheet HTML 4Page - Anachip Corp AM24LC08INA Datasheet HTML 5Page - Anachip Corp AM24LC08INA Datasheet HTML 6Page - Anachip Corp AM24LC08INA Datasheet HTML 7Page - Anachip Corp AM24LC08INA Datasheet HTML 8Page - Anachip Corp AM24LC08INA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM24LC08
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.A1 Oct 20, 2003
1/10
ATC
Features
•State- of- the- art architecture
- Non-volatile data storage
- Standard voltage and low voltage operation
(Vcc = 2.7V to 5.5V) for AM24LC08
• 2-wire I
2C serial interface
- Provides bi-directional data transfer protocol
• 16-byte page write mode
- Minimizes total write time per word
• Self-timed write-cycle (including auto-erase)
• Durable and Reliable
- 40 years data retention
- Minimum of 1M write/erase cycles per word
- Unlimited read cycles
- ESD protection
• Low standby current
• Packages: PDIP-8L, SOP-8L
Connection Diagram
VCC
WP
SCL
SDA
NC
NC
A2
VSS
PDIP / SOP
8
7
6
5
1
2
3
4
General Description
The AM24LC08 is a non-volatile, 8192-bit serial
EEPROM with conforms to all specifications in I
2C 2
wire protocol. The whole memory can be disabled
(Write Protected) by connecting the WP pin to Vcc.
This section of memory then becomes unalterable
unless WP is switched to Vss. The AM24LC08
communication protocol uses CLOCK(SCL) and
DATA I/O(SDA) lines to synchronously clock data
between
the
master
(for
example
a
microcomputer)and
the
slave
EEPROM
devices(s) .In addition, the bus structure allows for a
maximum of 16K of EEPROM memory. This
supports the family in 2K, 4K, 8K devices, allowing
the user to configure the memory as the application
requires with any combination of EEPROMs (not to
exceed 16K).
Anachip EEPROMs are designed and tested for
application requiring high endurance, high reliability,
and low power consumption.
Pin Assignments
Name
Description
NC
No connect
A2
Device address inputs
VSS
Ground
SDA
Data I/O
SCL
Clock input
WP
Write protect
VCC
Power pin
Ordering Information
Type
Package
08 =8K
S: SOP-8L
N: PDIP-8L
Temp. grade
AM 24 LC 08 X X X
Packing
Blank :
C
70
~
C
0
o
o
+
I
:
V
:
Blank : Tube
A : Taping
Operating Voltage
LC: 2.7~5.5V, CMOS
C
85
~
C
40
-
o
o
+
C
125
~
C
40
-
o
o
+


Similar Part No. - AM24LC08INA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC08INA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com