Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSRK1001M-699-30F Datasheet(PDF) 8 Page - Lumberg

Part # RSRK1001M-699-30F
Description  Connectors & Components for Automation Technology
Download  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSRK1001M-699-30F Datasheet(HTML) 8 Page - Lumberg

Back Button RSRK1001M-699-30F Datasheet HTML 4Page - Lumberg RSRK1001M-699-30F Datasheet HTML 5Page - Lumberg RSRK1001M-699-30F Datasheet HTML 6Page - Lumberg RSRK1001M-699-30F Datasheet HTML 7Page - Lumberg RSRK1001M-699-30F Datasheet HTML 8Page - Lumberg RSRK1001M-699-30F Datasheet HTML 9Page - Lumberg RSRK1001M-699-30F Datasheet HTML 10Page - Lumberg RSRK1001M-699-30F Datasheet HTML 11Page - Lumberg RSRK1001M-699-30F Datasheet HTML 12Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
8
Enclosure~less Wiring Solution for On-Machine Applications
Legend
1. Passive Distribution Boxes
Many styles to choose from. 4-, 6-, or 8-ports, top or side entry, with on-board, homerun
cable, or quick-disconnect connector.
2. Cordsets
Single- and Double-Ended Cordsets provide connection between field devices and the
ports of a distribution box or may be used to hardwire a device to a control panel or
distribution box.
3. Receptacles
Receptacles are connectors that mount in a fixed location (sensor or panel) and mate with
a molded cable.
4. Field Attachable Connectors
Used to complete the assembly of a single-ended cordset. Field attachables are available in
a variety of thread sizes and number of poles, straight and right-angle or to make cordset
repairs in the field.
5. DIN Valve Connectors
Are mainly used with solenoid valves in hydraulic and pneumatic applications. In addition,
these connectors are also used in electrical applications for pressure switches, filter
switches, limit switches and special sensors.
6. Splitters
Devices that provide the means of bringing two different sensor/actuator signals into a
single port of an ASB distribution box, thereby doubling the capacity of the box.
7. Fieldbus I/O Blocks
Have embedded communications protocol, e.g., DeviceNet, Profibus...) that allows them to
actively communicate with the network interface at the PLC.
8. Fieldbus I/O Modular Bus Systems
Are systems with bus-neutral I/O modules and communications adapters that allow the
designer to mix and match field bus and I/O hardware components as needed for the
application.
9. Bus Taps and Tees
Connect drop lines to the main trunk line or combine power and signal using a
hybrid cable.
10. Drop and Trunk Cordsets
When connecting multiple devices to a single communications trunk, the trunk is split with
a T-connector. The cable that connects the device to the main trunk is referred to as a
drop cable.
11. Terminating Resistors
Are placed at the end of a transmission line or daisy chain bus (such as in Devicenet),
designed to match impedance and hence minimize signal reflections.
Active/Passive Application Diagram


Similar Part No. - RSRK1001M-699-30F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RSR-01-B DBLECTRO-RSR-01-B Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
RSR-01-B-T DBLECTRO-RSR-01-B-T Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
RSR-01-K DBLECTRO-RSR-01-K Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
RSR-01-K-T DBLECTRO-RSR-01-K-T Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
RSR-01-R DBLECTRO-RSR-01-R Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
More results

Similar Description - RSRK1001M-699-30F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC_1 Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
logo
List of Unclassifed Man...
9904291404 ETC-9904291404 Datasheet
357Kb / 3P
   Automation technology - sensors and actuators
2018-07-18
logo
Omron Electronics LLC
XN2_1011 OMRON-XN2_1011 Datasheet
809Kb / 6P
   Easy-wire connectors for Industrial Components
XN2 OMRON-XN2 Datasheet
888Kb / 8P
   Easy-wire connectors for Industrial Components
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
PHOENIX CONTACT
2400361 PHOENIX-2400361 Datasheet
76Kb / 3P
   Structure with the latest automation station based on Axiocontrol and Axioline components
logo
DB Lectro Inc
NCT DBLECTRO-NCT_07 Datasheet
586Kb / 3P
   Suitable for automobile, automation system,electronicequipment
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
   Components for Entertainment Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com