Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H561638D-TCB0 Datasheet(PDF) 14 Page - Samsung semiconductor

Part # K4H561638D-TCB0
Description  128Mb DDR SDRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H561638D-TCB0 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button K4H561638D-TCB0 Datasheet HTML 10Page - Samsung semiconductor K4H561638D-TCB0 Datasheet HTML 11Page - Samsung semiconductor K4H561638D-TCB0 Datasheet HTML 12Page - Samsung semiconductor K4H561638D-TCB0 Datasheet HTML 13Page - Samsung semiconductor K4H561638D-TCB0 Datasheet HTML 14Page - Samsung semiconductor K4H561638D-TCB0 Datasheet HTML 15Page - Samsung semiconductor K4H561638D-TCB0 Datasheet HTML 16Page - Samsung semiconductor K4H561638D-TCB0 Datasheet HTML 17Page - Samsung semiconductor K4H561638D-TCB0 Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
- 14 -
REV. 1.0 November. 2. 2000
128Mb DDR SDRAM
3.2.1 Power-Up and Initialization Sequence
The following sequence is required for POWER UP and Initialization.
1. Apply power and attempt to maintain CKE at a low state(all other inputs may be undefined.)
- Apply VDD before or at the same time as VDDQ.
- Apply VDDQ before or at the same time as VTT & Vref.
2. Start clock and maintain stable condition for a minimum of 200us.
3. The minimum of 200us after stable power and clock(CK, CK), apply NOP & take CKE high.
4. Issue precharge commands for all banks of the device.
5. Issue EMRS to enable DLL.(To issue "DLL Enable" command, provide "Low" to A0, "High" to BA0 and "Low"
to all of the rest address pins, A1~A11 and BA1)
6. Issue a mode register set command for "DLL reset". The additional 200 cycles of clock input is required to
lock the DLL.
(To issue DLL reset command, provide "High" to A8 and "Low" to BA0)
7. Issue precharge commands for all banks of the device.
8. Issue 2 or more auto-refresh commands.
9. Issue a mode register set command with low to A8 to initialize device operation.
*1 Every "DLL enable" command resets DLL. Therefore sequence 6 can be skipped during power up.
Instead of it, the additional 200 cycles of clock input is required to lock the DLL after enabling DLL.
*2 Sequence of 6 & 7 is regardless of the order.
Power up & Initialization Sequence
Command
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
tRP
2 Clock min.
precharge
ALL Banks
2nd Auto
Refresh
Mode
Register Set
Any
Command
tRFC
1st Auto
Refresh
tRFC
min.200 Cycle
EMRS
MRS
2 Clock min.
DLL Reset
*1
*2
*1
2 Clock min.
precharge
ALL Banks
tRP
CK
CK
3.2 Basic Functionality
Figure 4. Power up and initialization sequence


Similar Part No. - K4H561638D-TCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H561638D-TC/LA0 SAMSUNG-K4H561638D-TC/LA0 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LA2 SAMSUNG-K4H561638D-TC/LA2 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LB0 SAMSUNG-K4H561638D-TC/LB0 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LB3 SAMSUNG-K4H561638D-TC/LB3 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TCC4 SAMSUNG-K4H561638D-TCC4 Datasheet
168Kb / 18P
   256Mb D-die DDR400 SDRAM Specification
More results

Similar Description - K4H561638D-TCB0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU1262GTR-FA HYNIX-H5DU1262GTR-FA Datasheet
356Kb / 37P
   128Mb DDR SDRAM
HY5DU28422DT HYNIX-HY5DU28422DT Datasheet
409Kb / 33P
   128Mb-S DDR SDRAM
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com