Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM24LC08NA Datasheet(PDF) 6 Page - Anachip Corp

Part # AM24LC08NA
Description  2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC08NA Datasheet(HTML) 6 Page - Anachip Corp

Back Button AM24LC08NA Datasheet HTML 2Page - Anachip Corp AM24LC08NA Datasheet HTML 3Page - Anachip Corp AM24LC08NA Datasheet HTML 4Page - Anachip Corp AM24LC08NA Datasheet HTML 5Page - Anachip Corp AM24LC08NA Datasheet HTML 6Page - Anachip Corp AM24LC08NA Datasheet HTML 7Page - Anachip Corp AM24LC08NA Datasheet HTML 8Page - Anachip Corp AM24LC08NA Datasheet HTML 9Page - Anachip Corp AM24LC08NA Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM24LC08
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
6/10
ATC
Write Operations (Continued)
Current Address Read
The AM24LC08 contains an address counter that
maintains the address of the last accessed word,
internally incremented by one. Therefore if the
previous access (either a read or write operation )
was to address n, the next current address read
operation would access data from address n + 1.
Upon receipt of the slave address with R/W bit set to
one, the AM24LC08 issues an acknowledge and
transmits the eight bit data word. The master will not
acknowledge the transfer but does generate a stop
condition
and
the
AM24LC08
discontinues
transmission. (Shown in Figure 6)
Random Read
Random read operations allow the master to access
any memory location in a random manner. To
perform this type of read operation, first the word
address must be set. This is done by sending the
word address to the AM24LC08 as part of a write
operation. After the word address is sent, the master
generates
a
start
condition
following
the
acknowledge. This terminates the write operation,
but not before the internal address pointer is set.
Then the master issues the control byte again but
with R/W bit set to a one. The AM24LC08 will then
issue an acknowledge and transmit the eight bit data
word. The master will not acknowledge the transfer
but does generate a stop condition and the
AM24LC08 discontinues transmission. (Shown in
Figure 7)
Sequential Read
Sequential reads are initiated by either a current
address read or a random read. After the master
receives a data word, it responds with an
acknowledge. As long as the E
2PROM receives an
acknowledge, it will continue to increment the data
words. When the memory address limit is reached,
the data word address will “roll over” and the
sequential read will continue. The sequential read
operation is terminated when the master does not
respond with a zero but does generate a following
stop condition.


Similar Part No. - AM24LC08NA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC08NA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com