Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP87L88EB Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L88EB
Description  8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L88EB Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button COP87L88EB Datasheet HTML 28Page - National Semiconductor (TI) COP87L88EB Datasheet HTML 29Page - National Semiconductor (TI) COP87L88EB Datasheet HTML 30Page - National Semiconductor (TI) COP87L88EB Datasheet HTML 31Page - National Semiconductor (TI) COP87L88EB Datasheet HTML 32Page - National Semiconductor (TI) COP87L88EB Datasheet HTML 33Page - National Semiconductor (TI) COP87L88EB Datasheet HTML 34Page - National Semiconductor (TI) COP87L88EB Datasheet HTML 35Page - National Semiconductor (TI) COP87L88EB Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Frame Formats (Continued)
ERROR MANAGEMENT AND DETECTION
There are multiple mechanisms in the CAN protocol, to de-
tect errors and to inhibit erroneous modules from disabling
all bus activities.
The following errors can be detected:
Bit Error
A CAN device that is sending also monitors the bus. If the
monitored bit value is different from the bit value that is sent,
a bit error is detected. The reception of a “dominant” bit in-
stead of a “recessive” bit during the transmission of a pas-
sive error flag, during the stuffed bit stream of the arbitration
field or during the acknowledge slot, is not interpreted as a
bit error.
Stuff error
A stuff error is detected, if the bit level after 6 consecutive bit
times has not changed in a message field that has to be
coded according to the bit stuffing method.
Form Error
A form error is detected, if a fixed frame bit (e.g., CRC delim-
iter, ACK delimiter) does not have the specified value. For a
receiver a “dominant” bit during the last bit of End of Frame
does NOT constitute a form error.
Bit CRC Error
A CRC error is detected if the remainder of the CRC calcula-
tion of a received CRC polynomial is non-zero.
Acknowledgment Error
An acknowledgment error is detected whenever a transmit-
ting node does not get an acknowledgment from any other
node (i.e., when the transmitter does not receive a “domi-
nant” bit during the ACK frame).
The device can be in one of three states with respect to error
handling:
Error active
An error active unit can participate in bus communication
and sends an active (“dominant”) error flag.
Error passive
An error passive unit can participate in bus communication.
However, if the unit detects an error it is not allowed to send
an active error flag. The unit sends only a passive (“reces-
sive”) error flag. A device is error passive when the transmit
error counter is greater than 127 or when the receive error
counter is greater than 127. A device becoming error passive
sends an active error flag. An error passive device becomes
error active again when both transmit and receive error
counter are less than 128.
Bus off
A unit that is “bus off” has the output drivers disabled, i.e., it
does not participate in any bus activity. A device is bus off
when the transmit error counter is greater than 255. A bus off
device will become error active again in one of two ways de-
pending on which mode is selected by the user through the
Fault Confinement Mode select bit (FMOD) in the CAN Bus
Control Register (CBUS). Setting the FMOD bit to “0” (de-
fault after power on reset) will select the Standard Fault Con-
finement mode. In this mode the device goes from “bus off”
to “error active” after monitoring 128*11 recessive bits (in-
cluding bus idle) on the bus. This mode has been imple-
mented for compatibility reasons with existing solutions. Set-
ting the FMOD bit to “1” will select the Enhanced Fault
Confinement mode. In this mode the device goes from “bus
off” to “error active” after monitoring 128 “good” messages,
as indicated by the reception of 11 consecutive “recessive”
bits including the End of Frame. The enhanced mode offers
the advantage that a “bus off” device (i.e., a device with a se-
rious fault) is not allowed to destroy any messages on the
bus until other devices can transmit at least 128 messages.
This is not guaranteed in the standard mode, where a defec-
tive device could seriously impact bus communication. When
the device goes from “bus off” to “error active”, both error
counters will have the value “0”.
In each CAN module there are two error counters to perform
a sophisticated error management. The receive error
counter (REC) is 7 bits wide and switches the device to the
error passive state if it overflows. The transmit error counter
(TEC) is 8 bits wide. If it is greater than 127, the device is
switched to the error passive state. As soon as the TEC
overflows, the device is switched bus-off, i.e., it does not par-
ticipate in any bus activity.
DS100044-31
FIGURE 26. Order of Bit Transmission within a CAN Frame
www.national.com
32


Similar Part No. - COP87L88EB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88EGN-XE NSC-COP87L88EGN-XE Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP87L88EGN-XE NSC-COP87L88EGN-XE Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP87L88EGV-XE NSC-COP87L88EGV-XE Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP87L88EGV-XE NSC-COP87L88EGV-XE Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP87L88EK NSC-COP87L88EK Datasheet
515Kb / 41P
   8-Bit CMOS OTP Microcontrollers with 8k or 32k Memory, Comparator, and Single-slope A/D Capability
More results

Similar Description - COP87L88EB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88GD NSC-COP87L88GD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP87L84BC NSC-COP87L84BC Datasheet
660Kb / 54P
   8-Bit CMOS OTP Microcontrollers with 16k Memory, Comparators, and CAN Interface
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
   8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP87L88EK NSC-COP87L88EK Datasheet
515Kb / 41P
   8-Bit CMOS OTP Microcontrollers with 8k or 32k Memory, Comparator, and Single-slope A/D Capability
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com