Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKT4-3-645-10M Datasheet(PDF) 10 Page - Lumberg

Part # RKT4-3-645-10M
Description  Connectors & Components for Automation Technology
Download  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RKT4-3-645-10M Datasheet(HTML) 10 Page - Lumberg

Back Button RKT4-3-645-10M Datasheet HTML 6Page - Lumberg RKT4-3-645-10M Datasheet HTML 7Page - Lumberg RKT4-3-645-10M Datasheet HTML 8Page - Lumberg RKT4-3-645-10M Datasheet HTML 9Page - Lumberg RKT4-3-645-10M Datasheet HTML 10Page - Lumberg RKT4-3-645-10M Datasheet HTML 11Page - Lumberg RKT4-3-645-10M Datasheet HTML 12Page - Lumberg RKT4-3-645-10M Datasheet HTML 13Page - Lumberg RKT4-3-645-10M Datasheet HTML 14Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
10
Actuator/Sensor Distribution Boxes
M8 Distribution Boxes
Part No.
ASBSM 4/LED 3
ASBSM 6/LED 3
ASBSM 8/LED 3
ASBSM 10/LED 3
M8-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP), Top
Entry, 4-, 6-, 8- and 10-Port, M8 Sockets, 3-Poles,
1 Signal per Port with M12 Quick Disconnect. IP 67
Rated.
Home Run Connector: RKT 12-348/...M
M8-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP),
Top Entry, 4-, 6-, 8-, 10- and 12-Port, M8 Sockets,
3-Poles, 1 Signal per Port, Halogen Free PUR Cable
Jacket. IP 67 Rated.
Cable Type: 343 | 344 | 345 | 346 | 347
PUR halogen-free, black
M8-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP), Top
Entry, 4-Ports, 3-Poles, M8 Sockets, 1 Signal per Port
with M12 On-board Quick Disconnect. IP 67 Rated.
M8-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP), Top
Entry, 8 Ports, 3-Poles, M8 Sockets,1 Signal per Port,
Halogen Free PUR Home Run Cable. IP 67 Rated.
Cable Type: 333
PUR halogen-free, black
Part No.
Part No.
ASBM 4/LED 3-343/5 M
ASBM 10/LED 3-346/5 M
ASBM 4/LED 3-343/10 M
ASBM 10/LED 3-346/10 M
ASBM 4/LED 3-343/15 M
ASBM 10/LED 3-346/15 M
ASBM 6/LED 3-344/5 M
ASBM 12/LED 3-347/5 M
ASBM 6/LED 3-344/10 M
ASBM 12/LED 3-347/10 M
ASBM 6/LED 3-344/15 M
ASBM 12/LED 3-347/15 M
ASBM 8/LED 3-345/5 M
ASBM 8/LED 3-345/10 M
ASBM 8/LED 3-345/15 M
Part No.
SBS 4/LED 3
Part No.
SB 8/LED 3-333/5 M
SB 8/LED 3-333/10 M
ASBSM.../LED
ASBM.../LED
SBS 4/LED
SB 8/LED


Similar Part No. - RKT4-3-645-10M

ManufacturerPart #DatasheetDescription
logo
Lumberg
RKT4-3-224 LUMBERG-RKT4-3-224 Datasheet
1,021Kb / 4P
   Anschlussleitungen fur Aktoren Sensoren und Verteiler Cordsets
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
   M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results

Similar Description - RKT4-3-645-10M

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC_1 Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
logo
List of Unclassifed Man...
9904291404 ETC-9904291404 Datasheet
357Kb / 3P
   Automation technology - sensors and actuators
2018-07-18
logo
Omron Electronics LLC
XN2_1011 OMRON-XN2_1011 Datasheet
809Kb / 6P
   Easy-wire connectors for Industrial Components
XN2 OMRON-XN2 Datasheet
888Kb / 8P
   Easy-wire connectors for Industrial Components
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
PHOENIX CONTACT
2400361 PHOENIX-2400361 Datasheet
76Kb / 3P
   Structure with the latest automation station based on Axiocontrol and Axioline components
logo
DB Lectro Inc
NCT DBLECTRO-NCT_07 Datasheet
586Kb / 3P
   Suitable for automobile, automation system,electronicequipment
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
   Components for Entertainment Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com