Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS602 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # RS602
Description  High forward surge current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

RS602 Datasheet(HTML) 1 Page - Mospec Semiconductor

  RS602 Datasheet HTML 1Page - Mospec Semiconductor RS602 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
RS601 THRU RS607
SINGLE-PHASE
BRIDGE
RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
6.0 Ampere
FEATURES
Low cost
High forward surge current capability
Ideal for printed circuit board
High temperature soldering guaranteed:
260
oc/10 second,0.375”(9.5mm)lead length
at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-O rate flame retardant
Terminals:Lead Solderable Per MIL-STD-202E
method 208C
Polarity:Polarity symbols marked on case
Mounting :Thru hole for #6 screw, 5 in,-lbs.Torqute Max.
Weight: 0.27 ounce, 7.59 gram
MAXIMUM RATINGS AND ELECTRICAL CHARATERISTICS
* Rating at 25℃ ambient temperature unless otherwise specified
* Single phase,half wave. 60Hz, resistive or inductive load.
* For capacitive load derate current by 20 %
Characteristic
Symbol RS601 RS602 RS603 RS604 RS605 RS606 RS607
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
TC=100℃
6.0
Average Rectifier Forward
Current at
TA=40℃(Note 3)
IO(AV)
6.0
A
Non-Repetitive Peak Surge Current
8.3 ms Single half sine-wave superimposed on
rated load
IFSM
150
A
Forward Voltage (per element) ( IF =6.0 Amp)
VFM
1.0
V
TA = 25℃
10
uA
Peak Reverse Current at rated
DC blocking voltage per element
TA = 100℃
IR
1.0
mA
I
2 t Rating for Fusing( t<8.3ms)
I
2t
93
A
2s
Typical Junction Capacitance per element
(Note1)
CJ
105
pF
Typical Thermal Resistance (per leg)(note 2)
Rθ jc
4.7
oC/W
Operating and Storage Temperature Range
TJ , Tstg
-65 to +150
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Unit mounted on 2.6”×1.4”×0.06” thick (6.3×3.5×0.15 cm ) Al. plate.
3. Unit mounted in free air, no heatsink, P.C.B. at 375”(9.5mm) lead length with. 5”×5”(12×12 mm) copper pads..


Similar Part No. - RS602

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS602 RECTRON-RS602 Datasheet
55Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Shanghai Lunsure Electr...
RS602 CHENYI-RS602 Datasheet
48Kb / 2P
   6Amp single phase bridge rectifier 50to1000 volts
logo
New Jersey Semi-Conduct...
RS602 NJSEMI-RS602 Datasheet
87Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
RS602 BYTES-RS602 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
RS602 CHENG-YI-RS602 Datasheet
127Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - RS602

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMD12HE MCC-SMD12HE Datasheet
402Kb / 3P
   High surge forward current capability
UD2KB05 MCC-UD2KB05 Datasheet
488Kb / 3P
   High surge forward current capability
logo
DIOTEC Electronics Corp...
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
   High forward surge current capability
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
   High forward surge current capability
KBPC1505WN PFS-KBPC1505WN_1 Datasheet
212Kb / 2P
   High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
   High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
   High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
   High forward surge current capability
logo
Mospec Semiconductor
KBU804 MOSPEC-KBU804 Datasheet
177Kb / 2P
   High forward surge current capability
logo
Micro Commercial Compon...
UD4KB05 MCC-UD4KB05 Datasheet
483Kb / 3P
   High surge forward current capability
logo
Mospec Semiconductor
KBP005 MOSPEC-KBP005 Datasheet
184Kb / 2P
   High forward surge current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com