Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C334S Datasheet(PDF) 3 Page - Coto Technology

Part # C334S
Description  MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

C334S Datasheet(HTML) 3 Page - Coto Technology

  C334S Datasheet HTML 1Page - Coto Technology C334S Datasheet HTML 2Page - Coto Technology C334S Datasheet HTML 3Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
tel: (401) 943.2686
|
cotorelay.com
COTO TECHNOLOGY, INC.
C234S/C334S GRAPHS
-40-20
0204060100
0
40
Ambient temperature (ºC)
Load current Vs.
Ambient temperature
On resistance Vs.
Ambient temperature
Turn on time Vs.
Ambient temperature
Turn off time Vs.
Ambient temperature
LED operate current Vs.
Ambient temperature
LED Turn off current Vs.
Ambient temperature
LED forward voltage Vs.
Ambient temperature
Voltage Vs. current characteristics
of output at MOS portionOff state leakage current
LED foward current Vs.
turn on time characteristics
Applied voltage Vs.
output capacitance characteristics
Ambient temperature (ºC)
Load voltage (V)
Applied voltage (V)
LED foward current Vs.
turn off time characteristics
0
2
4
6
8
10
Ambient temperature (ºC)
0
0.1
0.2
0.3
0.4
0.5
0
0.02
Ambient temperature (ºC)
Ambient temperature (ºC)
Ambient temperature (ºC)
Ambient temperature (ºC)
0
1
2
3
4
5
0
40
050100
150200
250
01020304060
01020304050
0
0.2
0
100
200
0
1.1
1.2
1.3
1.4
10
-12
10
-9
10
-6
10
-3
-40-30
0204060100
85
-40-20
020406085
-40-20
0204060100
85
-40-20
0204060100
85
-40-20
0204060
-40-20
020406085100
01020304050
80
120
160
200
240
0
0.5
1
1.5
2
3.0
2.5
100
0
0.1
0.2
0.3
0.4
0.5
1.5
1.0
80
120
160
200
-40
1
-80
-120
-160
-200
2345
-5
-4
-3
-2
-1
300350
400
50
0.4
0.6
0.8
1.0
1.2
0.04
0.06
0.08
0.10
0.12
50
150
LED foward current (mA)
60
LED foward current (mA)
Voltage,V
100
85
85


Similar Part No. - C334S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C334S COTO-C334S Datasheet
381Kb / 2P
   Contact Form: C234S: 1a / C334S: 2a Load Voltage: 200V Maximum
More results

Similar Description - C334S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C574S COTO-C574S_14 Datasheet
657Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C774S COTO-C774S_14 Datasheet
582Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT147 COTO-CT147_14 Datasheet
634Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT326 COTO-CT326_14 Datasheet
725Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT334 COTO-CT334_14 Datasheet
625Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C226S COTO-C226S_15 Datasheet
862Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C230S COTO-C230S_14 Datasheet
656Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C247S COTO-C247S_14 Datasheet
649Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT135 COTO-CT135_14 Datasheet
631Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT126 COTO-CT126_14 Datasheet
766Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com