Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP232-CA6 Datasheet(PDF) 5 Page - Tontek Design Technology

Part # TTP232-CA6
Description  2 keys Touch Pad Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP232-CA6 Datasheet(HTML) 5 Page - Tontek Design Technology

  TTP232-CA6 Datasheet HTML 1Page - Tontek Design Technology TTP232-CA6 Datasheet HTML 2Page - Tontek Design Technology TTP232-CA6 Datasheet HTML 3Page - Tontek Design Technology TTP232-CA6 Datasheet HTML 4Page - Tontek Design Technology TTP232-CA6 Datasheet HTML 5Page - Tontek Design Technology TTP232-CA6 Datasheet HTML 6Page - Tontek Design Technology TTP232-CA6 Datasheet HTML 7Page - Tontek Design Technology TTP232-CA6 Datasheet HTML 8Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TTP232-CA6
2014/11/07
Page 5 of 8
Version:1.0
. Maximum key on duration time
If some objects cover in the sense pad, and causing the change quantity enough to be detected.
To prevent this, the TTP232-CA6 sets a timer to monitor the detection. The timer is the
maximum on duration time about 16sec. When the detection is over the timer, the system will
return to the power-on initial state, and the output becomes inactive until the next detection.
. Key operating mode
The TTP232-CA6 fixes Multi-key function.
Multi-key mode:The TP0-TP1 can be detected 2 keys the same time.
. The touch response time
The touch response time of TTP232-CA6 is about 220msec from stand-by state.
. The operating timing for key scanning
The states and timing for key scanning
TP
TPQ
~125ms
ABOUT 8SEC
~16ms
~125ms
~16ms
~125ms
Stand-by timing
Stand-by timing
Touch operation timing
Touch operation timing
Stand-by timing
(NOT REALLY TOUCH)
KEY RELEASE
POSSIBLE KEY TOUCH
KEY RELEASE
KEY TOUCH
VSS
VDD
VSS
VDD


Similar Part No. - TTP232-CA6

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP232 TONTEK-TTP232 Datasheet
210Kb / 8P
   2 keys Touch Pad Detector IC
More results

Similar Description - TTP232-CA6

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP224B-RO8N TONTEK-TTP224B-RO8N Datasheet
245Kb / 8P
   2 keys Touch Pad Detector IC
TTP232 TONTEK-TTP232 Datasheet
210Kb / 8P
   2 keys Touch Pad Detector IC
TTP239 TONTEK-TTP239 Datasheet
308Kb / 16P
   8 keys Touch Pad Detector IC
TTP224B-SQBN TONTEK-TTP224B-SQBN Datasheet
278Kb / 9P
   4 keys Touch Pad Detector IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-DQE TONTEK-TTP229-DQE Datasheet
319Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP225-806Q TONTEK-TTP225-806Q Datasheet
280Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-HSB TONTEK-TTP229-HSB Datasheet
305Kb / 12P
   8 KEYS TOUCH PAD DETECTOR IC
TTP224B TONTEK-TTP224B Datasheet
313Kb / 11P
   4 keys Touch Pad Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com