Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP87L88CL Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L88CL
Description  8-Bit One-Time Programmable OTP Microcontroller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L88CL Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP87L88CL Datasheet HTML 4Page - National Semiconductor (TI) COP87L88CL Datasheet HTML 5Page - National Semiconductor (TI) COP87L88CL Datasheet HTML 6Page - National Semiconductor (TI) COP87L88CL Datasheet HTML 7Page - National Semiconductor (TI) COP87L88CL Datasheet HTML 8Page - National Semiconductor (TI) COP87L88CL Datasheet HTML 9Page - National Semiconductor (TI) COP87L88CL Datasheet HTML 10Page - National Semiconductor (TI) COP87L88CL Datasheet HTML 11Page - National Semiconductor (TI) COP87L88CL Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Reset (Continued)
error will cause an active low error output on pin G1 This
error output will continue until 16 – 32 tc clock cycles follow-
ing the clock frequency reaching the minimum specified val-
ue at which time the G1 output will enter the TRI-STATE
mode
The external RC network shown in
Figure 4 should be used
to ensure that the RESET pin is held low until the power
supply to the chip stabilizes
Note
In continual state of reset the device will draw excessive current
TLDD12524 – 6
RC l 5 c Power Supply Rise Time
FIGURE 4 Recommended Reset Circuit
Oscillator Circuits
The chip can be driven by a clock input on the CKI input pin
which can be between DC and 10 MHz The CKO output
clock is on pin G7 (crystal configuration) The CKI input fre-
quency is divided down by 10 to produce the instruction
cycle clock (1tc)
Figure 5 shows the Crystal and RC diagrams
TLDD12524 – 7
FIGURE 5 Crystal and RC Oscillator Diagrams
CRYSTAL OSCILLATOR
CKI and CKO can be connected to make a closed loop
crystal (or resonator) controlled oscillator
Table I shows the component values required for various
standard crystal values
TABLE I Crystal Oscillator Configuration TA e 25 C
R1
R2
C1
C2
CKI Freq
Conditions
(kX)(MX)
(pF)
(pF)
(MHz)
0
1
30
30 – 36
10
VCC e 5V
0
1
30
30 – 36
4
VCC e 5V
0
1
200
100 – 150
0455
VCC e 5V
RC OSCILLATOR
By selecting CKI as a single pin oscillator input a single pin
RC oscillator circuit can be connected to it CKO is avail-
able as a general purpose input andor HALT restart pin
Table II shows the variation in the oscillator frequencies as
functions of the component (R and C) values
TABLE II RC Oscillator Configuration TA e 25 C
R
C
CKI Freq
Instr Cycle
Conditions
(kX)
(pF)
(MHz)
(ms)
33
82
22 – 27
37 – 46
VCC e 5V
56
100
11 – 13
74 – 90
VCC e 5V
68
100
09 – 11
88 – 108
VCC e 5V
Note
3k s R s 200k 50 pF s C s 200 pF
Control Registers
CNTRL Register (Address X 00EE)
The Timer1 (T1) and MICROWIREPLUS control register
contains the following bits
SL1
SL0 Select the MICROWIREPLUS clock divide
by (00 e 2 01 e 4 1x e 8)
IEDG
External interrupt edge polarity select
(0 e Rising edge 1 e Falling edge)
MSEL
Selects G5 and G4 as MICROWIREPLUS
signals
SK and SO respectively
http
www nationalcom
8


Similar Part No. - COP87L88CL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP87L88CLN-XE TI1-COP87L88CLN-XE Datasheet
606Kb / 42P
[Old version datasheet]   COP888CL 8-Bit Microcontroller
COP87L88CLV-XE TI1-COP87L88CLV-XE Datasheet
606Kb / 42P
[Old version datasheet]   COP888CL 8-Bit Microcontroller
More results

Similar Description - COP87L88CL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com