Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG3308 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG3308
Description  Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3308 Datasheet(HTML) 3 Page - Analog Devices

  ADG3308 Datasheet HTML 1Page - Analog Devices ADG3308 Datasheet HTML 2Page - Analog Devices ADG3308 Datasheet HTML 3Page - Analog Devices ADG3308 Datasheet HTML 4Page - Analog Devices ADG3308 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ADG3308
–3–
REV. PrE
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25°C unless otherwise noted)
VCCY to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V
VCCA to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V
Digtal Inputs (A) . . . . . . . . . . . . . . -0.3 V to (V
CC
A +0.3V)
Digtal Inputs (Y) . . . . . . . . . . . . . . -0.3 V to (VCCY +0.3V)
EN to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . –40°C to +85°C
Storage Temperature Range . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . .
150°C
20 Lead TSSOP
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 143°C/W
20 Lead LFCSP - 4 layer board
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 32°C/W
Lead Temperature, Soldering (10seconds) . . . . . . . 300°C
IR Reflow, Peak Temperature (<20 seconds) . . . +235°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed
in the operational sections of this specifcation is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be applied at
any one time.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADG3308 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of
functionality.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG3308BRU
–40°C to +85°C
T S S O P
RU-20
ADG3308BCP
–40°C to +85°C
LFCSP
CP-20
WARNING!
ESD SENSITIVE DEVICE
12 Y8
9
11 GND
10
13 Y7
EN
8
ADG3308
(Not to Scale)
VA
A1
A2
A5
A6
1
2
3
4
5
20
14 Y6
VY
A7
A8
6
7
15
16
17
18
19 Y1
Y2
Y3
Y4
Y5
A3
A4
Pin Configuration
20 Lead TSSOP (RU-20)
20 Lead 4mmx4mm LFCSP
(CP-20)
PIN 1
INDICATOR
TOP VIEW
ADG3308
1
A2
2
A3
3
A4
4
A5
5
A6
15 Y3
14 Y4
13 Y5
12 Y6
11 Y7


Similar Part No. - ADG3308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308 AD-ADG3308 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG3308 AD-ADG3308 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG3308 AD-ADG3308 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results

Similar Description - ADG3308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com