Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

80C32 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part No. 80C32
Description  CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEMIC [TEMIC Semiconductors]
Homepage  http://www.temic.de
Logo 

80C32 Datasheet(HTML) 1 Page - TEMIC Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
80C32/80C52
MATRA MHS
Rev. E (31/08/95)
1
Description
MHS’s 80C52 and 80C32 are high performance CMOS
versions of the 8052/8032 NMOS single chip 8 bit
µC.
The fully static design of the MHS 80C52/80C32 allows
to reduce system power consumption by bringing the
clock frequency down to any value, even DC, without loss
of data.
The 80C52 retains all the features of the 8052 : 8 K bytes
of ROM ; 256 bytes of RAM ; 32 I/O lines ; three 16 bit
timers ; a 6-source, 2-level interrupt structure ; a full
duplex serial port ; and on-chip oscillator and clock
circuits. In addition, the 80C52 has 2 software-selectable
modes of reduced activity for further reduction in power
consumption. In the idle mode the CPU is frozen while
the RAM, the timers, the serial port and the interrupt
system continue to function. In the power down mode the
RAM is saved and all other functions are inoperative.
The 80C32 is identical to the 80C52 except that it has no
on-chip ROM. MHS’s 80C52/80C32 are manufactured
using SCMOS process which allows them to run from 0
up to 44 MHz with Vcc = 5 V.
MHS’s 80C52 and 80C32 are also available at 16 MHz
with 2.7 V < VCC < 5.5 V.
D 80C32 : Romless version of the 80C52
D 80C32/80C52-L16 : Low power version
Vcc : 2.7 – 5.5 V
Freq : 0-16 MHz
D 80C32/80C52-12 : 0 to 12 MHz
D 80C32/80C52-16 : 0 to 16 MHz
D 80C32/80C52-20 : 0 to 20 MHz
D 80C32/80C52-25 : 0 to 25 MHz
D 80C32/80C52-30 : 0 to 30 MHz
D 80C32/80C52-36 : 0 to 36 MHz
D 80C32-40 : 0 to 40 MHz*
D 80C32-42 : 0 to 42 MHz*
D 80C32-44 : 0 to 44 MHz*
* 0 to 70
°C temperature range.
For other speed and temperature range availability please consult your
sales office.
Features
D Power control modes
D 256 bytes of RAM
D 8 Kbytes of ROM (80C52)
D 32 programmable I/O lines
D Three 16 bit timer/counters
D 64 K program memory space
D 64 K data memory space
D Fully static design
D 0.8µ CMOS process
D Boolean processor
D 6 interrupt sources
D Programmable serial port
D Temperature range : commercial, industrial, automotive,
military
Optional
D Secret ROM : Encryption
D Secret TAG : Identification number
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn