Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP87L84BC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L84BC
Description  8-Bit CMOS OTP Microcontrollers with 16k Memory, Comparators, and CAN Interface
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L84BC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP87L84BC Datasheet HTML 1Page - National Semiconductor (TI) COP87L84BC Datasheet HTML 2Page - National Semiconductor (TI) COP87L84BC Datasheet HTML 3Page - National Semiconductor (TI) COP87L84BC Datasheet HTML 4Page - National Semiconductor (TI) COP87L84BC Datasheet HTML 5Page - National Semiconductor (TI) COP87L84BC Datasheet HTML 6Page - National Semiconductor (TI) COP87L84BC Datasheet HTML 7Page - National Semiconductor (TI) COP87L84BC Datasheet HTML 8Page - National Semiconductor (TI) COP87L84BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
DC Electrical Characteristics (Continued)
−40˚C
≤ T
A ≤ +85˚C
Parameter
Conditions
Min
Typ
Max
Units
Maximum Input Current
without Latchup
Room Temp
±100
mA
RAM Retention Voltage, V
r
500 ns Rise and Fall Time
2.0
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
Note 2: Maximum rate of voltage change must be less than 0.5 V/ms
Note 3: Supply current is measured after running 2000 cycles with a square wave CKI input, CKO open, inputs at VCC or GND, and outputs open.
Note 4: The HALT mode will stop CKI from oscillating in the Crystal configurations. Halt test conditions: All inputs tied to VCC; L, and G port I/Os configured as outputs
and programmed low; D outputs programmed low. Parameter refers to HALT mode entered via setting bit 7 of the G Port data register. Part will pull up CKI during
HALT in crystal clock mode.
Note 5: HALT and IDLE current specifications assume CAN block and comparators are disabled.
www.national.com
4


Similar Part No. - COP87L84BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L84CF NSC-COP87L84CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP87L84CLM-XE NSC-COP87L84CLM-XE Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
Texas Instruments
COP87L84CLM-XE TI1-COP87L84CLM-XE Datasheet
606Kb / 42P
[Old version datasheet]   COP888CL 8-Bit Microcontroller
logo
National Semiconductor ...
COP87L84CLN-XE NSC-COP87L84CLN-XE Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
Texas Instruments
COP87L84CLN-XE TI1-COP87L84CLN-XE Datasheet
606Kb / 42P
[Old version datasheet]   COP888CL 8-Bit Microcontroller
More results

Similar Description - COP87L84BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
COP87L88EB NSC-COP87L88EB Datasheet
814Kb / 72P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP87L88GD NSC-COP87L88GD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
   8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com