Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G8NW Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8NW
Description  Micro-mini dual PCB relay for automobile use (2 independent circuits)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8NW Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8NW Datasheet HTML 1Page - Omron Electronics LLC G8NW Datasheet HTML 2Page - Omron Electronics LLC G8NW Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
35
G8NW
Micro-mini dual PCB relay for automobile use (2 independent circuits)
High-density design
(smallest class in the
industry)
Half-size in comparison
with the existing type
(Omron G8QW)
• 2 single, independent relays in 1 case.
• Optimum for reverse motor control for a window
motor, wiper motor, etc.
■Purpose
• DC motor control for automobile parts (Door lock motor, power window motor, sunroof motor, etc.)
• Flasher lamp (indicator or hazard)
■Type standard
■Ratings/Performance
Classification
Symbol
Meaning of the symbol
A
Basic type
G8NW
Micro-mini dual relay for automobile use
B Number of contact poles and configuration
2
Standard contact configuration 2c
C
Spec/Appropriate symbol
Blank
Standard Spec
English character Appropriate Spec (set individually)
Type
G8NW-2
G8NW-2S
G8NW-2L
G8NW-2H
G8NW-2U
G8NW-2F
Item
Standard
Low operating
voltage
High heat resis-
tance
High heat resis-
tance and Low
operating voltage
Super low oper-
ating voltage
For flasher lamp
Coil
Rated coil voltage
12 VDC
Coil resistance
(at 20
°C)
225
180
225
180
130
Service voltage range
10 to 16 VDC
Operating voltage
(at 20
°C)
7.2 V or less
6.5 V or less
7.2 V or less
6.5 V or less
5.5 V or less
7.2 V or less
Release voltage
(at 20
°C)
1.0 V or more
0.8 V or more
Max value of rated coil
voltage (5A)
14 VDC
(continuous)
16 VDC at 15 min
12 VDC
(continuous)
16 VDC at 5 min
16 VDC
(continuous)
14 VDC
(continuous)
16 VDC at 15 min
16 VDC at 3 min
16 VDC (a
fleeting moment)
85 times/min
Contact
Contact configuration
1c
× 2 (SPDT × 2)
Contact material
AgSn type (non-cadmium)
PdRu alloy
Rated load
14 VDC 25 A Motor load
54 W lamp
85 times/min
Polarized
(No. 3 terminal+)
Max switching current
30 A
Endurance
(Lifetime)
Mechanical
1,000,000 times
10,000,000 times
Electrical (Rated load)
100,000 times
2000 hrs
Mechanical
Impact
resistance
Malfunction
100 m/s2
Destruction
1,000 m/s2
Vibration
resistance
Malfunction
10~55 Hz, Peak to peak: 1.5 mm
Destruction
10~55 Hz, Peak to peak: 1.5 mm
Ambient temperature range
−40~+85°C
−40~+105°C
−40~+85°C
Weight
About 8.0 g
AB C
G8NW-
@@


Similar Part No. - G8NW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8NW-2C OMRON-G8NW-2C Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8NW-2F OMRON-G8NW-2F Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8NW-2H OMRON-G8NW-2H Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8NW-2L OMRON-G8NW-2L Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
More results

Similar Description - G8NW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8N OMRON-G8N Datasheet
105Kb / 3P
   Micro-mini PCB relay for automobile use
logo
TDK Electronics
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
logo
OEN India Limited
40-12-2CE OENINDIA-40-12-2CE Datasheet
99Kb / 2P
   DUAL MINI RELAY
logo
ZETTLER Electronics
AZ947 ZETTLER-AZ947 Datasheet
57Kb / 2P
   20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
AZ947 ZETTLER-AZ947_14 Datasheet
44Kb / 2P
   20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
logo
American Zettler, Inc.
AZ947 AZETTLER-AZ947 Datasheet
174Kb / 2P
   20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
logo
YAMAHA CORPORATION
YMF795 YAMAHA-YMF795 Datasheet
1Mb / 45P
   APL-2 Automobile sound Player-2
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
logo
Willow Technologies Ltd
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
DG84 WILLOW-DG84 Datasheet
258Kb / 3P
   micro plug-in/pcb automotive relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com