Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61305021121 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61305021121
Description  2.54MM DUAL PIN HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61305021121 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61305021121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61305021121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 61305021121 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 3/3
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 61305021121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61305021021 WURTH-61305021021 Datasheet
641Kb / 3P
   2.54MM ANGLED DUAL PIN HEADER
More results

Similar Description - 61305021121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6100XX21121 WURTH-6100XX21121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
6130XX21021 WURTH-6130XX21021 Datasheet
641Kb / 3P
   2.54MM ANGLED DUAL PIN HEADER
logo
SUYIN USA, INC.
254323MR SUYIN-USA-254323MR Datasheet
209Kb / 1P
   2.54 X 2.54mm DUAL ROW PIN HEADER
logo
Wurth Elektronik GmbH &...
6130XX11121 WURTH-6130XX11121 Datasheet
548Kb / 3P
   2.54MM PIN HEADER
logo
Adam Technologies, Inc.
2PH2R-XX-U-087-110-043 ADAM-TECH-2PH2R-XX-U-087-110-043 Datasheet
81Kb / 1P
   DUAL ROW PIN HEADER
DPH-2-XX-U-276-SMT-691 ADAM-TECH-DPH-2-XX-U-276-SMT-691 Datasheet
83Kb / 1P
   DUAL ROW PIN HEADER
HPH2-A1-XX-SG-SMT-P ADAM-TECH-HPH2-A1-XX-SG-SMT-P Datasheet
88Kb / 1P
   DUAL ROW PIN HEADER
HPH2-A-XX-SGA-SMT-PP ADAM-TECH-HPH2-A-XX-SGA-SMT-PP Datasheet
86Kb / 1P
   DUAL ROW PIN HEADER
HPH2-A-XX-SGA-SMT-PP-TR ADAM-TECH-HPH2-A-XX-SGA-SMT-PP-TR Datasheet
109Kb / 1P
   DUAL ROW PIN HEADER
HPH2RA-XX-SG-SMT-120-PP ADAM-TECH-HPH2RA-XX-SG-SMT-120-PP Datasheet
86Kb / 1P
   DUAL ROW PIN HEADER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com