Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

613015143121 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 613015143121
Description  2.54MM ANGLED SOCKET HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

613015143121 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  613015143121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 613015143121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
B
C
D
E
F
G
APPROVAL: RJ
UNIT: MM
SCALE:
SHEET: 2/2
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
WERI PART NO: 6130 xx 143 121_TPK
DESCRIPTION: 2.54MM ANGLED SOCKET HEADER


Similar Part No. - 613015143121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61301511021 WURTH-61301511021 Datasheet
539Kb / 3P
   2.54MM ANGLED PIN HEADER
61301511121 WURTH-61301511121 Datasheet
378Kb / 6P
   WR-PHD Pin Header
003.000
More results

Similar Description - 613015143121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6130XX243121 WURTH-6130XX243121 Datasheet
166Kb / 1P
   2.54MM ANGLED DUAL SOCKET HEADER
613009143121 WURTH-613009143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.002
613004143121 WURTH-613004143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.003
613006143121 WURTH-613006143121 Datasheet
1Mb / 7P
   WR-PHD Angled Socket Header
001.004
613032143121 WURTH-613032143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.002
613024143121 WURTH-613024143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.002
613007143121 WURTH-613007143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.002
613002143121 WURTH-613002143121 Datasheet
934Kb / 7P
   WR-PHD Angled Socket Header
001.003
613003143121 WURTH-613003143121 Datasheet
945Kb / 7P
   WR-PHD Angled Socket Header
001.003
613016143121 WURTH-613016143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com