Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61302821121 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61302821121
Description  2.54MM DUAL PIN HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61302821121 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61302821121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61302821121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 61302821121 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
APPROVAL: GMo
UNIT: MM
DESCRIPTION:
SCALE:
SHEET: 2/3
WERI PART NO:
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
613 0xx 211 21
PDF
A
B
C
D
E
F
G
2.54MM DUAL PIN HEADER


Similar Part No. - 61302821121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61302821021 WURTH-61302821021 Datasheet
641Kb / 3P
   2.54MM ANGLED DUAL PIN HEADER
61302821821 WURTH-61302821821 Datasheet
307Kb / 5P
   WR-PHD Dual Socket Header
001.002
More results

Similar Description - 61302821121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6100XX21121 WURTH-6100XX21121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
6130XX21021 WURTH-6130XX21021 Datasheet
641Kb / 3P
   2.54MM ANGLED DUAL PIN HEADER
logo
SUYIN USA, INC.
254323MR SUYIN-USA-254323MR Datasheet
209Kb / 1P
   2.54 X 2.54mm DUAL ROW PIN HEADER
logo
Wurth Elektronik GmbH &...
6130XX11121 WURTH-6130XX11121 Datasheet
548Kb / 3P
   2.54MM PIN HEADER
logo
Adam Technologies, Inc.
2PH2R-XX-U-087-110-043 ADAM-TECH-2PH2R-XX-U-087-110-043 Datasheet
81Kb / 1P
   DUAL ROW PIN HEADER
DPH-2-XX-U-276-SMT-691 ADAM-TECH-DPH-2-XX-U-276-SMT-691 Datasheet
83Kb / 1P
   DUAL ROW PIN HEADER
HPH2-A1-XX-SG-SMT-P ADAM-TECH-HPH2-A1-XX-SG-SMT-P Datasheet
88Kb / 1P
   DUAL ROW PIN HEADER
HPH2-A-XX-SGA-SMT-PP ADAM-TECH-HPH2-A-XX-SGA-SMT-PP Datasheet
86Kb / 1P
   DUAL ROW PIN HEADER
HPH2-A-XX-SGA-SMT-PP-TR ADAM-TECH-HPH2-A-XX-SGA-SMT-PP-TR Datasheet
109Kb / 1P
   DUAL ROW PIN HEADER
HPH2RA-XX-SG-SMT-120-PP ADAM-TECH-HPH2RA-XX-SG-SMT-120-PP Datasheet
86Kb / 1P
   DUAL ROW PIN HEADER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com