Electronic Components Datasheet Search |
|
SG-636PHG Datasheet(PDF) 1 Page - Seiko Instruments Inc |
|
SG-636PHG Datasheet(HTML) 1 Page - Seiko Instruments Inc |
1 / 3 page Actual size Crystal oscillator Specifications (characteristics) Item Symbol Specifications Conditions / Remarks SG-636 PTF SG-636 PCE SG-636 SCE SG-636 PDE Output frequency range f0 2.21675 MHz to 41.000 MHz 2.21675 MHz to 40.000 MHz 2.21675 MHz to 40.000 MHz Please contact us about available frequencies. Supply voltage VCC 5.0 V 0.5 V 3.3 V 0.3 V 2.5 V 0.25 V Storage temperature T_stg -55 C to +100 C Storage as single product. Operating temperature T_use -20 C to +70 C Frequency tolerance f_tol C: 100 × 10-6 -20 C to +70 C Current consumption ICC 17 mA Max. 9 mA Max. 5 mA Max. No load condition Disable current I_dis 10 mA Max. 5 mA Max. 3 mA Max. OE=GND Stand-by current I_std - 2 A Max. - ST =GND(SCE) Symmetry SYM 40 % to 60 % 45 % to 55 % CMOS load:50 % VCC level 45 % to 55 % - TTL load: 1.4 V level Output voltage VOH VCC-0.4 V Min. IOH=-8 mA(PTF) / -4 mA(SCE,PCE) / -3.2 mA(PDE) VOL 0.4 V Max. IOL=16 mA(PTF) / 4 mA(SCE,PCE) / 3.2 mA(PDE) Output load condition (TTL) L_TTL 10 TTL Max. - L_CMOS 15 pF Output load condition (CMOS) L_CMOS 50 pF Max. 30 pF Max. 15 pF Max. Input voltage VIH 2.0 V Min. 80 % VCC Min. OE Terminal or ST Terminal (SCE) VIL 0.8 V Max. 20 % VCC Max. Rise time / Fall time tr / tf 7 ns Max. 5 ns Max. CMOS load:20 % VCC to 80 % VCC level 5 ns Max. - TTL load:0.4 V to 2.4 V level Start-up time t_str 4 ms Max. 4 ms Max. Time at minimum supply voltage to be 0 s Frequency aging f_aging 5 10-6 / year Max. +25 C, VCC=5.0 V/3.3 V/2.5 V, First year Specifications (characteristics) Item Symbol Specifications Conditions / Remarks SG-636 PTG SG-636 PHG SG-636 PCG SG-636 SCG Output frequency range f0 2.21675 MHz to 33.000 MHz *1 Please contact us about available frequencies. Supply voltage VCC 4.5 V to 5.5 V 2.7 V to 3.6 V Storage temperature T_stg -55 C to +100 C Storage as single product. Operating temperature T_use -20 C to +70 C Frequency tolerance f_tol B: 50 10-6 C: 100 10-6 -20 C to +70 C Current consumption ICC 25 mA Max. 12 mA Max. No load condition Disable curren I_dis 20 mA Max. 10 mA Max. OE=GND (PTG,PHG,PCG) Stand-by current I_std - 50 A Max. ST =GND (SCG) Symmetry SYM - 45 % to 55 % 50 % VCC level, L_CMOS=25 pF 40 % to 60 % - 1.4 V level, L_CMOS=25 pF Output voltage VOH 2.4 V Min. - VCC-0.4 V Min. IOH=-8 mA - VCC-0.4 V Min. - IOH=-16 mA VOL - 0.4 V Max. IOL=8 mA 0.4 V Max. - IOL=16 mA Output load condition L_CMOS 25 pF Max. Input voltage VIH 2.0 V Min. 70 % VCC Min. OE Terminal or ST Terminal VIL 0.8 V Max. 20 % VCC Max. Rise time / Fall time tr / tf - 3.4 ns Max. 4 ns Max. 20 % VCC to 80 % VCC level, L_CMOS 25 pF 2.4 ns Max. - TTL load:0.4 V to 2.4 V level, L_CMOS 25 pF Start-up time t_str 12 ms Max. t=0 at 90 % VCC Frequency aging f_aging 5 10-6 / year Max. +25 C, VCC=5.0 V/ 3.3 V, First year *1 4.1250 MHz < f0 < 4.4336 MHz, 8.2500 MHz < f0 < 8.8672 MHz, 16.500 MHz < f0 < 17.7344 MHz : Unavailable CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS, TTL SG - 645 / SG - 636 series Frequency range : 2.21675 MHz to 135 MHz Supply voltage : 2.5 V Typ. / 3.3 V Typ. / 5.0 V Typ. Function : Output enable(OE) or Standby( ST ) External dimensions : 7.1 × 5.1 × 1.5 mm (t: Max.)···SG-645 10.5 × 5.8 × 2.7 mm (t: Max.)···SG-636 SG-645 series SG-636 series Product Number (please contact us) SG-645 : Q33645xx2xxxx00 SG-636 : Q33636xx2xxxx00 |
Similar Part No. - SG-636PHG |
|
Similar Description - SG-636PHG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |