Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SA1668 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 2SA1668
Description  Silicon PNP Epitaxial Planar Transistor(TV Vertical Output, Audio Output Driver and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

2SA1668 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4381/4382)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
–20
RL
(
Ω)
20
IC
(A)
–1
VBB2
(V)
5
IB2
(mA)
100
ton
(
µs)
0.4typ
tstg
(
µs)
1.5typ
tf
(
µs)
0.5typ
IB1
(mA)
–100
2SA1667/1668
I C– V CE Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
Pc – T a Derating
Safe Operating Area (Single Pulse)
0
0
–0.8
–0.4
–1.2
–2.0
–1.6
–4
–2
–6
–8
–10
Collector-Emitter Voltage V CE(V)
–50mA
I B=–5mA/Step
h FE– I C Temperature Characteristics (Typical)
–10
–100
–300
–1
–1
–0.01
–0.1
–5
Collector-Emitter Voltage V CE(V)
V CE(sat) – I B Characteristics (Typical)
0
–3
–2
–1
–2
–100
–10
–1000
Base Current I B(mA)
I C=–2A
–1A
–0.5A
h FE– I C Characteristics (Typical)
–0.01
–0.1
–1
–2
40
100
400
Collector Current I C(A)
(V CE=–10V)
Typ
–0.01
–0.1
–1
–2
30
100
400
Collector Current I C(A)
(V CE=–10V)
DC
0.5
5
1
1
1 0
100
1000
Time t(ms)
Without Heatsink
Natural Cooling
1.2SA1667
2.2SA1668
1
2
25
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
150x150x2
50x50x2
10 0 x10
0x2
0
–1.6
–2
–1.2
–0.8
–0.4
0
–1.2
–0.4
–0.2
–0.6
–0.8
–1.0
Base-Emittor Voltage V BE(V)
(V CE=–10V)
125˚C
25˚C
–30˚C
0.01
0.1
1
2
0
10
20
30
50
40
(V CE=–12V)
Emitter Current I E(A)
Typ
f T– I E Characteristics (Typical)
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
VBB1
(V)
–10
External Dimensions FM20 (TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
–6
–2
–1
25(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
2SA1667
–10max
–150
–150min
Unit
µA
V
µA
V
V
MHz
pF
Conditions
VCB=
VEB=–6V
IC=–25mA
VCE=–10V, IC=–0.7A
IC=–0.7A, IB=–0.07A
VCE=–12V, IE=0.2A
VCB=–10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
2SA1668
–200
–200
2SA1667
–150
–150
2SA1668
–10max
–200
–200min
–10max
60min
–1.0max
20typ
60typ
Application : TV Vertical Output, Audio Output Driver and General Purpose
Weight : Approx 2.0g
a. Type No.
b. Lot No.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn