Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61004421121 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61004421121
Description  2.54MM DUAL SMT PIN HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61004421121 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61004421121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61004421121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
B
C
D
E
F
G
APPROVAL: RJ
UNIT: MM
SCALE:
SHEET: 2/2
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
WERI PART NO: 610 0xx 211 21
DESCRIPTION: 2.54MM DUAL SMT PIN HEADER


Similar Part No. - 61004421121

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
61004009-C ATGBICS-61004009-C Datasheet
324Kb / 9P
   61004009 Adva Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
61004014-C ATGBICS-61004014-C Datasheet
265Kb / 8P
   61004014 Adva Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
logo
Wurth Elektronik GmbH &...
61004021821 WURTH-61004021821 Datasheet
677Kb / 2P
   PHD 2.54MM DUAL SMT SOCKET HEADER
H 16-SEP-14
logo
Mallory performance clu...
61004M MALLORY-61004M Datasheet
743Kb / 4P
   cylinder point distributors
More results

Similar Description - 61004421121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61031421121 WURTH-61031421121 Datasheet
411Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61030621121 WURTH-61030621121 Datasheet
404Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61032021121 WURTH-61032021121 Datasheet
412Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61031021121 WURTH-61031021121 Datasheet
410Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61031621121 WURTH-61031621121 Datasheet
409Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61030821121 WURTH-61030821121 Datasheet
410Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61031221121 WURTH-61031221121 Datasheet
410Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61030421121 WURTH-61030421121 Datasheet
404Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61000621121 WURTH-61000621121 Datasheet
449Kb / 7P
   WR-PHD Dual SMT Pin Header
003.001
61000821121 WURTH-61000821121 Datasheet
450Kb / 7P
   WR-PHD Dual SMT Pin Header
003.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com