Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61201222021 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61201222021
Description  2.54MM MALE BOX HEADER WITH SHORT LEVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61201222021 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61201222021 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61201222021 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 61201222021 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
H
22-JAN-13
POLARITY REMOVE
QL
APPROVAL: GMo
UNIT: MM
DESCRIPTION: 2.54MM MALE BOX HEADER WITH SHORT LEVER
SCALE:
SHEET: 1/3
WERI PART NO: 612 0xx 220 21
DRAW: MIKE
P
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PBT
FLAMABILITY RATING: UL94-V0
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: GOLD
QUALITY CLASS: 3 AS PER CECC 75 301-802
PITCH: 2.54 MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 125°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 3A MAX
WORKING VOLTAGE: 250 VAC
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 500 VAC/MN
CONTACT RESISTANCE: 20 mOHM MAX
STANDARD
CERTIFIED: E323964
SOLDERING
JEDEC LEAD FREE WAVE SOLDERING PROCESS
PACKAGING
TRAY
DIMENSION
Holes left and right appear from polarity 20
I
19-MAR-13
NOTES
AR
PROJECTION:
J
22-SEP-15
NOTES
SBe
K
26-JAN-16
TPK UPDATE
AK
Notes:
No. of Positions 64 with three key; Other positions with one key
SQ


Similar Part No. - 61201222021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61201221621 WURTH-61201221621 Datasheet
1Mb / 2P
   2.54MM MALE BOX HEADER
61201221721 WURTH-61201221721 Datasheet
1Mb / 2P
   2.54MM MALE ANGLED BOX HEADER
More results

Similar Description - 61201222021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61202022821 WURTH-61202022821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61201622821 WURTH-61201622821 Datasheet
638Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61203422821 WURTH-61203422821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61205022821 WURTH-61205022821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61204022821 WURTH-61204022821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61201022821 WURTH-61201022821 Datasheet
638Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61206022821 WURTH-61206022821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61206422821 WURTH-61206422821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61202422821 WURTH-61202422821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61202622821 WURTH-61202622821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com