Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4962ECB Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4962ECB
Description  Low-Power CODEC with Audio/Voice DSP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4962ECB Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4962ECB Datasheet HTML 1Page - Asahi Kasei Microsystems AK4962ECB Datasheet HTML 2Page - Asahi Kasei Microsystems AK4962ECB Datasheet HTML 3Page - Asahi Kasei Microsystems AK4962ECB Datasheet HTML 4Page - Asahi Kasei Microsystems AK4962ECB Datasheet HTML 5Page - Asahi Kasei Microsystems AK4962ECB Datasheet HTML 6Page - Asahi Kasei Microsystems AK4962ECB Datasheet HTML 7Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
[AK4962]
015017325-E-01-PB
2016/02
- 1 -
1. General Description
The AK4962 is four channels 32-bit ADC, monaural ADC, stereo advanced 32-bit high sound quality
audio DAC and stereo 32-bit DAC with a built-in microphone amplifier, mono receiver amplifier,
ground-referenced headphone amplifier, lineout, and a high feature Audio/Voice DSP. The AK4962
features AKM’s DSP core to deal with various kinds of voice processing features such as dual mic Tx
noise suppression, Rx noise suppression, echo cancellation, and hands free functions. The AK4962 has
five audio I/F and SLIMbus I/F to communicate with an Application processor, up to two Baseband
processors, a Bluetooth module and a digital input class-D amplifier simultaneously, and mixes
asynchronous signal with built-in SRCs.
2. Features
1.
Recording Function
 4-Channel Low Power 32-bit ADC
- 2-types Digital Filter for Sound Color Selection
 Monaural Low Power ADC
- PDM Output
 3 Stereo Input Selectors
 3 Stereo Inputs (Single-ended) or 6 Mono Inputs (Full-differential)
 MIC Amplifier Gain: +30 dB to 0 dB, 3 dB step
 Input Attenuator: 0 dB / 6 dB
 5 MIC Power Supplies: 2.8 / 2.5 / 1.8 V Selectable
 ADC Characteristics:
- Single-ended Mode
THD+N:
88 dB, DR, S/N: 95 dB (Gain = +18 dB)
THD+N:
80 dB, DR, S/N: 102 dB (Gain = 0 dB)
- Full-Differential Mode:
THD+N:
90 dB, DR, S/N: 95 dB (Gain = +18 dB)
THD+N:
93 dB, DR, S/N: 102 dB (Gain = 0 dB)
 4-Channel Digital MIC Interface
2.
Playback Function
 Stereo High Sound Quality Low Power Advanced 32-bit DAC for Headphone
- 4 types of Digital Filter for Sound Color Selection
- 2 types of Operation Mode (High Performance Mode / Low Power Mode)
 Low Power 32-bit Stereo DAC for LINEOUT/ Receiver / External Speaker Amplifier
 Ground-referenced Class-G Stereo Headphone Amplifier
- Output Power: 25 mW @ 32
, 40 mW @ 16 , THD+N < 60 dB
- THD+N:
106 dB
- S/N: 125 dB
- Output Noise Level:
125 dBV (Analog Volume  14 dB)
- Analog Volume: +6 ~
20 dB & Mute, 2 dB Step
- Ground Loop Noise Cancellation
 Ground-referenced Stereo Line Outputs
- THD+N:
86 dB, DR, S/N: 100 dB
- Analog Volume: +3 to
7.5 dB, 1.5 dB Step
 Mono Receiver Amplifier
- BTL Output
- Output Power: 100 mW @ 32
, THD+N < 65 dB
- THD+N:
87 dB @ 32 , Po = 30 mW
- S/N: 100 dB
- Analog Volume: + 3 to
7.5 dB, 1.5 dB Step
Low-Power CODEC with Audio/Voice DSP
AK4962


Similar Part No. - AK4962ECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
More results

Similar Description - AK4962ECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
   Audio Hub CODEC with Voice Processor DSP
logo
Cirrus Logic
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
   Smart Codec with Low-Power Audio DSP
F3 SEP 18
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
   Smart Codec with Low-Power Audio DSP
FEB 2019
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
   FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1344TS PHILIPS-UDA1344TS Datasheet
126Kb / 28P
   Low-voltage low-power stereo audio CODEC with DSP features
2000 Feb 04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com