Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62006DGSRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62006DGSRG4
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62006DGSRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62006DGSRG4 Datasheet HTML 1Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 2Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 3Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 4Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 5Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SLVS294C − SEPTEMBER 2000 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
DGS
YEG
I/O
DESCRIPTION
EN
8
B3
I
Enable. A logic high enables the converter, logic low forces the device into shutdown mode reducing the
supply current to less than 1
µA.
FB
5
A2
I
Feedback pin for the fixed output voltage option. For the adjustable version an external resistive divider is
connected to FB. The internal voltage divider is disabled for the adjustable version.
FC
2
C1
Supply bypass pin. A 0.1
µF coupling capacitor should be connected as close as possible to this pin for good
high frequency input voltage supply filtering.
GND
3
A1
Ground
ILIM
6
A3
I
Switch current limit. Connect ILIM to GND to set the switch current limit to typically 600 mA, or connect this
pin to VIN to set the current limit to typically 1200 mA.
L
9
C2,
C3
I/O
Connect the inductor to this pin. L is the switch pin connected to the drain of the internal power MOSFETS.
PG
4
B1
O
Power good comparator output. This is an open-drain output. A pullup resistor should be connected
between PG and VO. The output goes active high when the output voltage is greater than 92% of the nominal
value.
PGND
10
D2
Power ground. Connect all power grounds to PGND.
SYNC
7
D3
I
Input for synchronization to external clock signal. Synchronizes the converter switching frequency to an
external clock signal with CMOS level:
SYNC = HIGH: Low-noise mode enabled, fixed frequency PWM operation is forced
SYNC = LOW (GND): Power save mode enabled, PFM/PWM mode enabled.
VIN
1
D1
I
Supply voltage input
NC
B2
Not connected
detailed description
operation
The TPS6200x is a step down converter operating in a current mode PFM/PWM scheme with a typical switching
frequency of 750 kHz.
At moderate to heavy loads, the converter operates in the pulse width modulation (PWM) and at light loads the
converter enters a power save mode (pulse frequency modulation) to keep the efficiency high.
In the PWM mode operation, the part operates at a fixed frequency of 750 kHz. At the beginning of each clock
cycle, the high side P-channel MOSFET is turned on. The current in the inductor ramps up and is sensed via
an internal circuit. The high side switch is turned off when the sensed current causes the PFM/PWM comparator
to trip when the output voltage is in regulation or when the inductor current reaches the current limit (set by ILIM).
After a minimum dead time preventing shoot through current, the low side N-channel MOSFET is turned on and
the current ramps down again. As the clock cycle is completed, the low side switch is turned off and the next
clock cycle starts.
In discontinuous conduction mode (DCM), the inductor current ramps to zero before the end of each clock cycle.
In order to increase the efficiency the load comparator turns off the low side MOSFET before the inductor current
becomes negative. This prevents reverse current flowing from the output capacitor through the inductor and
low side MOSFET to ground that would cause additional losses.
As the load current decreases and the peak inductor current does not reach the power save mode threshold
of typically 120 mA for more than 15 clock cycles, the converter enters a pulse frequency modulation (PFM)
mode.


Similar Part No. - TPS62006DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62006DGSRG4 TI1-TPS62006DGSRG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
More results

Similar Description - TPS62006DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com