Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4992 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 2N4992
Description  Silicon bilateral switch (SBS) in package TO-92
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

2N4992 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2N4992 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Planeta
JSC Planeta, 2/13, Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
E l e c t r o n i c
c o m p a n y
Ph/Fax: +7 (81622) 3-17-36, 3-32-86 E-mail: planeta@novgorod.net
http://www.novgorod.net/~planeta
2N4992
Silicon bilateral switch (SBS)
in package TO-92
2.5
0.7max
5.2
1.6
0.45max
14.5
4.2
5.2
1
2
3
Ratings
Symbol
Parameter, units
Limits
IT(rms)
DC forward anode current, mA
200
Igm
DC gate current, mA
5
IT(sm)
Peak recurrent forward current, A,
(1% duty cycle, 10
µsec pulse width)
1
P
Power dissipation, mW
300
Electrical Characteristics (TA=25°C)
Limits
Symbol
Parameter, unit, test conditions
min
max
VS
Switching voltage, V
7.5
9
IS
Switching current,
µA
120
IH
Holding current, mA
0.5
IB
Current (off-state),
µA,
VF=5V
0.1
VF
On-State voltage, V,
IF=200mA
1.7
Pinouts:
1- Anode II, 2- Gate, 3- Anode I


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N4993Silicon bilateral switch SBS in package TO-92 1 List of Unclassifed Manufacturers
2N4991Silicon bilateral switch SBS in package TO-92 1 List of Unclassifed Manufacturers
2N4990Silicon unilateral switch SUS in package TO-92 1 List of Unclassifed Manufacturers
NTE6403Integrated Circuit Silicon Bilateral Switch SBS 1 2 NTE Electronics
2N4987Silicon unilateral switch SUS in package TO-92 1 List of Unclassifed Manufacturers
2N4988Silicon unilateral switch SUS in package TO-92 1 List of Unclassifed Manufacturers
K105Silicon Bilateral Voltage Triggered Switch 1 2 List of Unclassifed Manufacturers
MMBT4992Silicon Bidirectional Switch SBS 1 List of Unclassifed Manufacturers
KIC7W66FKSILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT DAUL BILATERAL SWITCH 1 2 3 4 5 MoreKEC(Korea Electronics)
SIDACsilicon bilateral voltage triggered switch 1 2 3 4 5 MoreTeccor Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn