Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC18-19 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC18-19
Description  Drop Wire Clamps for CATV and Telephone Cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC18-19 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC18-19 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC18-19 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC18-19 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC18-19 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC18-19 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC18-19 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC18-19 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC18-19 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC18-19 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
8
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Drop Hardware
Span Clamps
"Q" Span Clamp
Provides drop wire take offs at mid-span.
Steel components mechanically galvanized ASTM B695.
Part Number Description
Material
Clamp
Range
PigTail
Diameter
Inner
Pack
Outer
Pack
27-00185
"Q" Span Clamp
Steel
1/4"-7/16"
1/4"
--
100
2700185-LA "Q" Span Clamp for P3
Cable w/Messenger
Plates - Aluminum
Pigtail - Steel
<1/4"
1/4"
--
100
"O" Span Clamp
Provides drop wire take offs at mid-span.
Steel components mechanically galvanized ASTM B695.
Part Number Description
Material
Clamp
Range
PigTail
Diameter
Inner
Pack
Outer
Pack
27-00860
"O" Span Clamp
Plates - Aluminum
Pigtail - Steel
1/4"-3/8"
3/8"
--
50
"E" Span Clamp
Provides drop wire take offs at mid-span.
Steel components mechanically galvanized ASTM B695.
Part Number Description
Material
Clamp
Range
PigTail
Diameter
Inner
Pack
Outer
Pack
27-00865
"E" Span Clamp
Steel
1/4"-7/16"
3/8"
5
100
"C" Span Clamp
Provides drop wire take offs at mid-span.
Steel components mechanically galvanized ASTM B695.
Part Number Description
Material
Clamp
Range
PigTail
Diameter
Inner
Pack
Outer
Pack
27-00869
"C" Span Clamp
Plates - Aluminum
Hook - Steel
1/4"-3/8"
3/8"
--
50


Similar Part No. - SC18-19

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
498Kb / 5P
   45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
221Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
498Kb / 5P
   45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
219Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11SRWA KINGBRIGHT-SC18-11SRWA Datasheet
498Kb / 5P
   45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC18-19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
logo
Linear Technology
LT6110 LINER-LT6110_15 Datasheet
525Kb / 38P
   Cable/Wire Drop Compensator
LT6110 LINER-LT6110 Datasheet
523Kb / 38P
   Cable/Wire Drop Compensator
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
   CABLE CLAMPS ALUMINUM
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
   Nylon Cable Clamps
logo
List of Unclassifed Man...
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
   Miniature Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
   Camcirc cable clamps
logo
List of Unclassifed Man...
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
   Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
   Heavy Duty Cable Clamps
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
   Nylon Cable Clamps, Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com