Electronic Components Datasheet Search |
|
24130091000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
24130091000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 4 page Qualifications • Meets or exceeds Category 6 requirements per TIA/EIA-568-B.2-1 • Exceeds the Category 5e requirements per ANSI/TIA/EIA-568-A.5 or TIA/EIA-568-B.2 • Exceeds the Category 5 requirements per ANSI/TIA/EIA-568-A, CSA T529-95 and ISO/IEC 11801-1995 • Exceeds the Category 5 requirements per NEMA Standard WC 63.1-1996 • Exceeds the Category 5 requirements of ICEA S-90-661-1997 • Riser: ITS/ETL Certified as CMR, and listed as NEC Type CMR per UL Standard 444 • Plenum: ITS/ETL Certified as CMP, and listed as NEC Type CMP per UL Standard 444 • LSZH: EN50288-6-1, ISO/IEC 332-1, 754-2 and 1034-2 Technical Specifications (continued) 0.772 76.0 77.0 74.0 75.0 74.2 75.2 72.2 73.2 70.0 73.0 67.0 70.0 1.8 1.8 19.4 - -- -- 1 74.3 75.3 72.3 73.3 72.3 73.3 70.3 71.3 67.8 70.8 64.8 67.8 2.0 2.0 20.0 20.0 40.0 40.0 35.0 35.0 4 65.3 66.3 63.3 64.3 61.5 62.6 59.5 60.6 55.8 58.8 52.8 55.8 3.8 3.7 23.0 23.0 40.0 40.0 23.0 23.0 8 60.8 63.3 58.8 61.3 55.5 58.1 53.5 56.1 49.7 52.7 46.7 49.7 5.3 5.2 24.5 24.5 40.0 40.0 17.0 17.0 10 59.3 61.8 57.3 59.8 53.3 56.0 51.3 54.0 47.8 50.8 44.8 47.8 6.0 5.8 25.0 25.0 40.0 40.0 15.0 15.0 16 56.2 58.6 54.2 56.6 48.6 51.2 46.6 49.2 43.7 46.7 40.7 43.7 7.6 7.4 25.0 25.0 38.0 38.0 10.9 10.9 20 54.8 57.1 52.8 55.1 46.3 48.8 44.3 46.8 41.8 44.8 38.8 41.8 8.5 8.3 25.0 25.0 37.0 37.0 9.0 9.0 25 53.3 55.5 51.3 53.5 43.8 46.3 41.8 44.3 39.8 42.8 36.8 39.8 9.5 9.3 24.3 24.3 36.0 36.0 7.1 7.1 31.25 51.9 54.0 49.9 52.0 41.2 43.6 39.2 41.6 37.9 40.9 34.9 37.9 10.7 10.4 23.6 23.6 35.1 35.1 5.1 5.1 62.5 47.4 49.1 45.4 47.1 32.0 34.1 30.0 32.1 31.9 34.9 28.9 31.9 15.4 15.0 21.5 21.5 32.0 32.0 -- 100 44.3 45.8 42.3 43.8 24.5 26.5 22.5 24.5 27.8 30.8 24.8 27.8 19.8 19.3 20.1 20.8 30.0 30.0 -- 200 39.8 40.9 37.8 38.9 10.8 12.6 8.8 10.6 21.8 24.8 18.8 21.8 29.0 28.3 18.0 18.7 27.0 27.0 -- 250 38.3 39.3 36.3 37.3 5.5 7.2 3.5 5.2 19.8 22.8 16.8 19.8 32.8 32.1 17.3 18.0 26.0 26.0 -- 300 - 38.1 - 36.1 - 2.5 - 0.5 - 21.3 - 18.3 - 35.6 - 17.5 -- -- 350 - 37.1 - 35.1 -- - - - 19.9 - 16.9 - 38.9 - 17.0 -- -- 400 - 36.3 - 34.3 -- - - - 18.8 - 15.8 - 42.0 - 16.6 -- -- 450 - 35.5 - 33.5 -- - - - 17.7 - 14.7 - 45.0 - 16.2 -- -- 500 - 34.8 - 32.8 -- - - - 16.8 - 13.8 - 47.9 - 15.9 -- -- 550 - 34.2 - 32.2 -- - - - 16.0 - 13.0 - 50.6 - 15.6 -- -- * TIA/EIA-568-B.2-1 Category 6 Standard. Values above 300 MHz for engineering purposes only. Frequency NEXT (dB) PSNEXT (dB) ACR (dB) PSACR (dB) ELFEXT (dB) PSELFEXT (dB) Insertion Loss (dB/100 m) Return Loss (dB) TCL (dB) ELTCTL (dB) (MHz) TIA * Spec. TIA* Spec. TIA* Spec. TIA* Spec. TIA* Spec. TIA* Spec. TIA* Spec. TIA* Spec. TIA* Spec. TIA* Spec. DataTwist 2412 Cable CMR 5.44 mm (0.214 in.) 22.15 mm (0.872 in.) 3.9 kg/100 m (26.0 lb/kft) DataTwist 2413 Cable CMP 5.33 mm (0.210 in.) 21.04 mm (0.828 in.) 4.2 kg/100 m (28.0 lb/kft) DataTwist 2424 Cable LSZH 5.44 mm (0.214 in.) 23.28 mm (0.916 in.) 4.2 kg/100 m (28.0 lb/kft) 4-pair, 23 AWG Nominal O.D. Min. Bend Radius Weight (Cable Only) 3 Key Electrical Attributes Key Physical Attributes BNT-215334_PB289 Datatwist 2400 Cables.qxd:Layout 1 12/17/10 4:01 PM Page 3 |
Similar Part No. - 24130091000 |
|
Similar Description - 24130091000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |