Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC13BZ-1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC13BZ-1
Description  Diamond Bonding and Grounding Hardware
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC13BZ-1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SC13BZ-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC13BZ-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC13BZ-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC13BZ-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC13BZ-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC13BZ-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC13BZ-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC13BZ-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC13BZ-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
35
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Bonding and Grounding Hardware
Mechanical - Ground Rod Clamps
Bonding &
Grounding
Hardware
Type JAB Ground Rod Clamps
Cast of high strength corrosion resistant
copper alloy CDA955.
Hex head.
Long bearing surface of clamp on ground
wire secures ground connection.
U.L. Listed for direct burial.
Part Number
Nominal Rod
Diameter
Wire Range
Dimensions (IN)
Package
Quantity
IN
MM
Max
Min
Max
(MM2)
Min
(MM2)
A
(Max)
Socket
Screw
A
(Max)
Hex
Bolt
Screw
Thread
Size
B
C
D
JAB12H-DS
1/2
12.7
2 Str.
10 Sol.
33.6
5.2
1-19/32 2-3/32
7/16"-
14UNC
15/16"
63/64"
11/16"
100
JAB34H-DS
3/4
19.0
1/0 Str.
8 Sol.
53.4
8.3
2
2-11/32 7/16"-
14UNC
11/16"
1"
51/64"
50
JAB58H-DS
5/8
15.8
1/0 Str.
8 Sol.
53.4
8.3
1-27/32 2-13/64 7/16"-
14UNC
51/64"
7/8"
19/32"
50
Part Number
Nominal Rod
Diameter
Wire Range
Dimensions (IN)
Package
Quantity
IN
MM
Max
Min
Max
(MM2)
Min
(MM2)
A
(Max)
Bolt
Screw
Thread
Size
B
C
D
E
G3-DS
3/8
9.5
4 Str.
10 Sol.
21.6
5.2
--
5/16"-
18UNC 11/16"
1/2"
27/64"
3/8"
100
G4-DS
1/2
12.7
2 Str.
10 Sol.
33.6
5.2
--
3/8"-
16UNC 49/64" 21/32" 33/64"
1/2"
100
G5-DS
5/8
15.8
2 Str.
10 Sol.
33.6
5.2
--
3/8"-
16UNC 29/32" 19/32" 21/32"
1/2"
50
A dependable ground connection offered at a
substantial savings.
Cast of high strength corrosion-resistant
copper alloy CDA955.
Hex head bolts.
Simplified compact design will make a lasting,
trouble-free connection.
U.L. Listed for direct burial.
JAB12HDS
JAB34HDS
JAB58HDS
Type G Ground Rod Clamps
G3DS
G4DS
G5DS


Similar Part No. - SC13BZ-1

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
SC130-W1 GARDTEC-SC130-W1 Datasheet
377Kb / 1P
   C1008 Steel
SC130-W1B GARDTEC-SC130-W1B Datasheet
30Kb / 1P
   C1008 Steel
SC130-W1SS GARDTEC-SC130-W1SS Datasheet
357Kb / 1P
   304 Stainless Steel
SC130-W2 GARDTEC-SC130-W2 Datasheet
25Kb / 1P
   C1008 Steel
SC130-W3 GARDTEC-SC130-W3 Datasheet
378Kb / 1P
   C1008 Steel
More results

Similar Description - SC13BZ-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351692 ETC2-1351692 Datasheet
93Kb / 2P
   Shielding and Bonding Cable
1344171 ETC2-1344171 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
1345387 ETC2-1345387 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
1351630 ETC2-1351630 Datasheet
92Kb / 2P
   Shielding and Bonding Cable.
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
3M Electronics
08641 3M-08641 Datasheet
19Kb / 4P
   Automix??Channel Bonding and Sidelite Adhesive
logo
Central Semiconductor C...
CBR1F CENTRAL-CBR1F Datasheet
664Kb / 3P
   Inventory bonding
logo
Samsung semiconductor
KS57P2316 SAMSUNG-KS57P2316 Datasheet
49Kb / 4P
   BONDING DIAGRAM
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com