Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC12KF81-1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC12KF81-1
Description  Diamond Bonding and Grounding Hardware
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC12KF81-1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC12KF81-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC12KF81-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC12KF81-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC12KF81-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC12KF81-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC12KF81-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC12KF81-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC12KF81-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC12KF81-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
31
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Bonding and Grounding Hardware
Ground Blocks
Grounding Blocks
Grounding Bracket
Grounding bracket permits upgrading number of drops by mounting 2, 3 or 4 way
splitters simply by using the SC09 splitter ring nut for mounting.
Made of G90 Galvanize Steel + Trivalent Chromate..
Part Number
Description
Inner
Pack
Outer
Pack
GBS81K
Single Ground Block - Outdoor Precision F81
#14 AWG through #6 AWG Copper Ground Wire
--
500
SC12N-81
Single Ground Block with One Precision TBCF81 Connector - 3GHz #14
to #10 AWG Copper Grounding Wire. Made of G90 Galvanize Steel +
Trivalent Ch romate
--
150
SC12N81-1G
Single Ground Block with One Precision F81 Connector - 1GHz #14
to #10 AWG Copper Grounding Wire. Made of G90 Galvanize Steel +
Trivalent Chromate
--
150
SC12KF81-1
Single Ground Block with One Precision KF81-1 Connector - 3GHz #14
to #10 AWG Copper Grounding Wire. Made of G90 Galvanize Steel +
Trivalent Chromate
--
150
SC12-SS
Single Stainless Steel Ground Block with One Precision F81 Connector
- 2GHz #14 to #10 AWG Copper Grounding Wire.
--
150
SC12DNS-81
Dual Ground Block with One Precision TBCF81
Connector - 3GHz #14 to #10 AWG Copper Grounding Wire. Made of
G90 Galvanize Steel + Trivalent Chromate
--
100
SC12DNS81-25
Dual Ground Block with One Precision TBCF81 Connector - 3GHz. #14
to #10 AWG Copper Grounding Wire. Made of G90 Galvanize Steel +
Trivalent Chromate
--
100
SC12DN-81
Dual Ground Block with Two Precision TBCF81
Connectors - 3GHz #14 to #10 AWG Copper Grounding Wire. Made of
G90 Galvanize Steel + Trivalent Chromate
--
100
SC12D2-SS
Dual Stainless Steel Ground Block with Two Precision
F81 Connectors - 2GHz #14 to #10 AWG Copper Grounding Wire.
--
100
SC12D-SS
Dual Stainless Steel Ground Block with One Precision F81
Connector. 2GHz. Made for #14 to #10AWG Copper Ground Wire
100
Part Number
Description
Inner
Pack
Outer
Pack
SC46DN
Accepts connector for #14 to #10 AWG Copper Grounding
Wire
--
100
Splitter Ring Nut
Splitter ring nut especially designed for converting the SC12DN grounding blocks to
accept splitters.
Part Number
Description
Inner
Pack
Outer
Pack
SC09-1
Brass, Nickel Plated, .172" Height
250
5,000
SC12DNS-81
SC12N-81
SC12KF81-1
Bonding &
Grounding
Hardware
GBS81K


Similar Part No. - SC12KF81-1

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
SC12-400-100 TRSYS-SC12-400-100 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
SC12-600-100 TRSYS-SC12-600-100 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
SC12-700-100 TRSYS-SC12-700-100 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
SC12-800-100 TRSYS-SC12-800-100 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
More results

Similar Description - SC12KF81-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351692 ETC2-1351692 Datasheet
93Kb / 2P
   Shielding and Bonding Cable
1344171 ETC2-1344171 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
1345387 ETC2-1345387 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
1351630 ETC2-1351630 Datasheet
92Kb / 2P
   Shielding and Bonding Cable.
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
3M Electronics
08641 3M-08641 Datasheet
19Kb / 4P
   Automix??Channel Bonding and Sidelite Adhesive
logo
Central Semiconductor C...
CBR1F CENTRAL-CBR1F Datasheet
664Kb / 3P
   Inventory bonding
logo
Samsung semiconductor
KS57P2316 SAMSUNG-KS57P2316 Datasheet
49Kb / 4P
   BONDING DIAGRAM
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com