Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400E3C8.25 Datasheet(PDF) 3 Page - Littelfuse

Part # 400E3C8.25
Description  MEDIUM VOLTAGE FUSES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

400E3C8.25 Datasheet(HTML) 3 Page - Littelfuse

  400E3C8.25 Datasheet HTML 1Page - Littelfuse 400E3C8.25 Datasheet HTML 2Page - Littelfuse 400E3C8.25 Datasheet HTML 3Page - Littelfuse 400E3C8.25 Datasheet HTML 4Page - Littelfuse 400E3C8.25 Datasheet HTML 5Page - Littelfuse 400E3C8.25 Datasheet HTML 6Page - Littelfuse 400E3C8.25 Datasheet HTML 7Page - Littelfuse 400E3C8.25 Datasheet HTML 8Page - Littelfuse 400E3C8.25 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
3 of 10
R
RATED
ORDERING/
CATALOG
NUMBER
SIZE
MAXIMUM
CONTINUOUS
CURRENT @
40 DEGREES C°
DIM. A
(INCHES)
DIM. B
(INCHES)
MINIMUM
INTERRUPTING
RATING RMS
AMPS
MAXIMUM
INTERRUPTING
RATING RMS
(ASYM)*
FIGURE
NUMBER
702R1C5.5
2R
70
12"
15.875"
170
80,000
1
1003R1C5.5
3R
100
12"
15.875"
250
80,000
1
1304R1C5.5
4R
130
12"
15.875"
340
80,000
1
1505R1C5.5
5R
150
12"
15.875"
390
80,000
1
1706R1C5.5
6R
170
12"
15.875"
500
80,000
1
2009R1C5.5
9R
200
12"
15.875"
760
80,000
1
23012R1C5.5
12R
230
12"
15.875"
1000
80,000
1
39018R2C5.5
18R
390
12"
15.875"
1500
80,000
2
45024R2C5.5
24R
450
12"
15.875"
1950
80,000
2
48026R2C5.5
26R
480
12"
15.875"
2100
80,000
2
55030R2C5.5
30R
550
12"
15.875"
2400
80,000
2
60032R2C5.5
32R
600
12"
15.875"
2600
80,000
2
65036R2C5.5
36R
650
12"
15.875"
2900
80,000
2
55030R3C5.5
30R
550
12"
15.875"
2400
80,000
3
60032R3C5.5
32R
600
12"
15.875"
2600
80,000
3
65036R3C5.5
36R
650
12"
15.875"
2900
80,000
3
R
RATED
ORDERING/
CATALOG
NUMBER
SIZE
MAXIMUM
CONTINUOUS
CURRENT @
40 DEGREES C°
DIM. A
(INCHES)
DIM. B
(INCHES)
MINIMUM
INTERRUPTING
RATING RMS
AMPS
MAXIMUM
INTERRUPTING
RATING RMS
(ASYM)*
FIGURE
NUMBER
702R1C8.25
2R
70
12"
15.875"
190
80,000
1
1003R1C8.25
3R
100
12"
15.875"
225
80,000
1
1304R1C8.25
4R
130
12"
15.875"
330
80,000
1
1505R1C8.25
5R
150
12"
15.875"
440
80,000
1
1706R1C8.25
6R
170
12"
15.875"
500
80,000
1
2009R1C8.25
9R
200
12"
15.875"
740
80,000
1
23012R1C8.25
12R
230
12"
15.875"
955
80,000
1
39018R2C8.25
18R
390
12"
15.875"
1440
80,000
2
45024R2C8.25
24R
450
12"
15.875"
1910
80,000
2
R
RATED
ORDERING/
CATALOG
NUMBER
SIZE
MAXIMUM
CONTINUOUS
CURRENT @
40 DEGREES C°
DIM. A
(INCHES)
DIM. B
(INCHES)
MINIMUM
INTERRUPTING
RATING RMS
AMPS
MAXIMUM
INTERRUPTING
RATING RMS
(ASYM)*
FIGURE
NUMBER
702R1C5.5X
2R
70
14"
17.875"
170
80,000
1
1003R1C5.5X
3R
100
14"
17.875"
250
80,000
1
1304R1C5.5X
4R
130
14"
17.875"
340
80,000
1
1505R1C5.5X
5R
150
14"
17.875"
390
80,000
1
1706R1C5.5X
6R
170
14"
17.875"
500
80,000
1
2009R1C5.5X
9R
200
14"
17.875"
760
80,000
1
23012R1C5.5X
12R
230
14"
17.875"
1000
80,000
1
39018R2C5.5X
18R
390
14"
17.875"
1500
80,000
2
45024R2C5.5X
24R
450
14"
17.875"
1950
80,000
2
55030R2C5.5X
30R
550
14”
17.875”
2400
80,000
2
R
RATED
ORDERING/
CATALOG
NUMBER
SIZE
MAXIMUM
CONTINUOUS
CURRENT @
40 DEGREES C°
DIM. A
(INCHES)
DIM. B
(INCHES)
MINIMUM
INTERRUPTING
RATING RMS
AMPS
MAXIMUM
INTERRUPTING
RATING RMS
(ASYM)*
FIGURE
NUMBER
702R1C2.75
2R
70
7"
10.875"
170
80,000
1
1003R1C2.75
3R
100
7"
10.875"
250
80,000
1
1304R1C2.75
4R
130
7"
10.875"
340
80,000
1
1505R1C2.75
5R
150
7"
10.875"
390
80,000
1
1706R1C2.75
6R
170
7"
10.875"
500
80,000
1
2009R1C2.75
9R
200
7"
10.875"
760
80,000
1
23012R1C2.75
12R
230
7"
10.875"
1000
80,000
1
39018R2C2.75
18R
390
7"
10.875"
1500
80,000
2
45024R2C2.75
24R
450
7"
10.875"
1950
80,000
2
* RMS Asymmetrical amperes = RMS Symmetrical amperes x 1.6
For hookeye attachment add “W” suffix to part number
R-RATED MEDIUM VOLTAGE FUSES


Similar Part No. - 400E3C8.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
400E3C8.25 LITTELFUSE-400E3C8.25 Datasheet
564Kb / 10P
   Power Transformer Protection
400E3C8.25 LITTELFUSE-400E3C8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
400E3C8.25 LITTELFUSE-400E3C8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 400E3C8.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com