Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C501104002 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C501104002
Description  CAT5E Patch Cord, Bonded-Pair, 4 Pair, 24 AWG Solid, CMR, T568A/B-T568A/B, Gray, 10 ft. (3.0 m).
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C501104002 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C501104002 Datasheet HTML 1Page - List of Unclassifed Manufacturers C501104002 Datasheet HTML 2Page - List of Unclassifed Manufacturers C501104002 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Operating Temperature Range:
-10°C To +60°C
Max. Recommended Pull Tension:
25 lbs.
Min. Bend Radius (Overall Cable):
1.040 in.
Environmental/Mechanical Characteristics:
Test (Method)
TIA 568-C.3
Belden
Thermal Cycling (FOTP-3)
n/a
-40 to 75°C cycling for 7 days
Temperature Life (FOTP-4) 60°C for 4 days
85°C for 7 days
Humidity (FOTP-5)
90-95% at 40°C for 4 days
95% @ 75°C for 7 days
Durability (FOTP-21)
500 cycles
6 x 200 cycles (3 Elevations)
Cable Retention (FOTP-6)
5.0 kg @ 0 deg., 1.94 kg @90 deg. 6.8 kg @ 0 deg., 3.4 kg @ 90 deg.
Flex (FOTP-1)
0.5 kg @ 90° to -90° for 100 cycles 0.9 kg @ 90° to -90° for 100 cycles
Twist (FOTP-36)
1.5 kg for 10 cycles
1.5 kg for 10 cycles
Overall Length Tolerances:
Range
Tolerance
Range
Tolerance
Range
Tolerance
Sx & Dx Patchcord Sx & Dx Patchcord MPO Trunk
MPO Trunk
Multi-Fiber Cable Assembly Multi-Fiber Cable Assembly
0 to 2 meters
+0.2 / -0 meter
0 to 2 meters
+0.2 / -0 meter 0 to 2 meters
+0.2 / -0 meter
2.1 to 5.0 meters
+0.3 / -0 meter
2.1 to 5.0 meters +0.3 / -0 meter 2.1 to 5.0 meters
+0.3 / -0 meter
5.1 to 40 meters
+0.4 / -0 meter
5.1 to 20 meters
+0.4 / -0 meter 5.1 to 20 meters
+0.4 / -0 meter
Over 40.1 meters
+ 1.0% / -0%
Over 20.1 meters + 1.0% / -0%
Over 20.1 meters
+ 1.3 / -0 meter
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
UL Rating:
Riser
Other Standards:
FCC Part 68, Subpart F, IEC 60603-7
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2006
MII Order #39 (China RoHS):
EUP 50
Telecommunications Standards:
Category 5e - TIA 568.B.2, Category 5 - ISO/IEC 11801:2002 Ed.2
Safety Listing:
ACA, Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes
Transmission Characteristics (Connectivity)
Optical Connector Performance:
Description
OM1
OM2
OM3
OM4
OS2 / UPC OS2 / APC
Maximum Insertion Loss (dB) 0.5 dB 0.5 dB 0.5 dB 0.15 dB 0.5 dB
0.5 dB
Minimum Reflectance (dB)
-20 dB -20 dB -20 dB -20 dB
-50 dB
- 65 dB
Performance Table 1:
Frequency
(MHz)
Max.
Insertion Loss
TIA* (dB)
Max.
Insertion Loss
Belden (dB)
Min.
PSNEXT
TIA* (dB)
Min
PSNEXT
Belden (dB)
Min.
PSACRF
TIA* (dB)
Min.
PSACRF
Belden (dB)
1.000
2.400
2.000
62.300
65.300
60.800
60.800
4.000
4.900
4.000
53.300
56.300
48.800
48.800
8.000
6.900
5.700
48.800
51.800
42.700
42.700
10.000
7.800
6.400
47.300
50.300
40.800
40.800
16.000
9.900
8.100
44.200
47.300
36.700
36.700
20.000
11.100
9.200
42.800
45.800
34.800
34.800
25.000
12.500
10.300
41.300
44.300
32.800
32.800
31.250
14.100
11.600
39.900
42.900
30.900
30.900
62.500
20.400
16.800
35.400
38.400
24.900
24.900
100.000
26.400
21.700
32.300
35.300
20.800
20.800
160.000
28.200
32.300
16.700
Performance Table - Footnote:
100 Meter Cable Specifications - * TIA-EIA-568-B.2 Category 5e Standard -------- PSACRF is formally
PSELFEXT
Performance Table 2:
Frequency (MHz)
Min.
Return Loss
TIA* (dB)
Min.
Return Loss
Belden (dB)
1.000
20.000
20.000
4.000
23.000
23.000
8.000
24.500
24.500
10.000
25.000
25.000
16.000
25.000
25.000
Page 2 of 3
03-10-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
C501108010 Cable Assemblies - CAT5E Modular Cord


Similar Part No. - C501104002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C501108025 ETC2-C501108025 Datasheet
111Kb / 3P
   Cable Assemblies - CAT5E Modular Cord
More results

Similar Description - C501104002

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RV6FFPUBK18O-S1 BELDEN-RV6FFPUBK18O-S1 Datasheet
258Kb / 2P
   REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RVAFFPUBK36O-S1 BELDEN-RVAFFPUBK36O-S1 Datasheet
259Kb / 3P
   REVConnect 10GX I/O FlexPlug, CAT6A, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RV6FFPUBK30O-S1 BELDEN-RV6FFPUBK30O-S1 Datasheet
258Kb / 2P
   REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RV6FFPUBK36O-S1 BELDEN-RV6FFPUBK36O-S1 Datasheet
258Kb / 2P
   REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RVAFFPUBK18O-S1 BELDEN-RVAFFPUBK18O-S1 Datasheet
259Kb / 3P
   REVConnect 10GX I/O FlexPlug, CAT6A, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
121702A BELDEN-121702A Datasheet
200Kb / 2P
   CAT5e Horizontal Bonded-Pair, 2x4pr, UTP, PVC Jkt, CMR, Siamese
2022 Belden, Inc
logo
PANDUIT CORP.
DPA245E88TV25 PANDUIT-DPA245E88TV25 Datasheet
169Kb / 1P
   24 PORT ANGLED 4 PAIR CAT5E RJ21 PATCH PANEL
logo
Tripp Lite. All Rights ...
N002-010-GY TRIPPLITE-N002-010-GY Datasheet
483Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 10-ft.
N002-004-GY TRIPPLITE-N002-004-GY Datasheet
482Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 4-ft.
N105-010-GY TRIPPLITE-N105-010-GY Datasheet
469Kb / 2P
   Cat5e 350MHz Molded Shielded Patch Cable (RJ45 M/M) - Gray, 10-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com