Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99850021000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 99850021000
Description  Tinned copper conductor, semi-rigid PVC insulation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99850021000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  99850021000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99850021000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9985 0031000
1,000 FT
2.000 LB
ORANGE
P
26 STR PVC ORG
9985 004100
100 FT
0.200 LB
YELLOW
26 STR PVC YEL
9985 0041000
1,000 FT
2.000 LB
YELLOW
P
26 STR PVC YEL
9985 005100
100 FT
0.200 LB
GREEN, DARK
26 STR PVC GRN
9985 0051000
1,000 FT
2.000 LB
GREEN, DARK
P
26 STR PVC GRN
9985 008100
100 FT
0.200 LB
GRAY
26 STR PVC GRY
9985 0081000
1,000 FT
2.000 LB
GRAY
P
26 STR PVC GRY
9985 009100
100 FT
0.200 LB
WHITE
26 STR PVC WHT
9985 0091000
1,000 FT
2.000 LB
WHITE
P
26 STR PVC WHT
9985 010100
100 FT
0.200 LB
BLACK
26 STR PVC BLK
9985 0101000
1,000 FT
2.000 LB
BLACK
P
26 STR PVC BLK
9985 013100
100 FT
0.200 LB
BLUE, DARK
26 STR PVC DK.BLU
9985 0131000
1,000 FT
2.000 LB
BLUE, DARK
P
26 STR PVC DK.BLU
Notes:
P = STRIPE COLORS ON STOCK SOLID COLORS. STRIPING ADDER OF $8.00/M' FOR1 OR 2 STRIPES. 10000' MINIMUM ORDER FOR COLOR COMBINATION.PUT-UP WILL BE
SUBJECT TO TWO PIECES (+ OR -) 10% PER SPOOL
Revision Number: 1
Revision Date: 08-16-2013
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 2 of 2
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9985 Hook-up/Lead - UL AWM Style 1061


Similar Part No. - 99850021000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99850021000 ETC2-99850021000 Datasheet
99Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation (solid conductors suitable for wire wrap applications).
More results

Similar Description - 99850021000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344197 ETC2-1344197 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344199 ETC2-1344199 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344463 ETC2-1344463 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344196 ETC2-1344196 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344542 ETC2-1344542 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344853 ETC2-1344853 Datasheet
96Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344540 ETC2-1344540 Datasheet
94Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1346351 ETC2-1346351 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344172 ETC2-1344172 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1682738 ETC2-1682738 Datasheet
100Kb / 2P
   Tinned copper conductor, PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com