Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89841 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 89841
Description  Low cap 24 AWG stranded (7x32) TC conductors, plenum, foam FEP insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

89841 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  89841 Datasheet HTML 1Page - List of Unclassifed Manufacturers 89841 Datasheet HTML 2Page - List of Unclassifed Manufacturers 89841 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NEC/(UL) Specification:
CMP
CEC/C(UL) Specification:
CMP
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
NFPA 262
CSA Flame Test:
FT6
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Non-Plenum Number:
9841
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
120
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
39.372
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
72.182
Nominal Velocity of Propagation:
VP (%)
76
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
78.744
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
10.1711
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
4 Amps per conductor @ 25°C
Notes (Overall)
Notes: Teflon® is a registered trademark of E. I. duPont de Nemours and Co. used under license by Belden, Inc.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
Page 2 of 3
12-12-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
89841 Multi-Conductor - Low Capacitance Computer and Computer P.O.S. Cable


Similar Part No. - 89841

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
89841 BELDEN-89841 Datasheet
252Kb / 3P
   RS485, 1 Pr #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
898410021000 BELDEN-898410021000 Datasheet
252Kb / 3P
   RS485, 1 Pr #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
89841002500 BELDEN-89841002500 Datasheet
252Kb / 3P
   RS485, 1 Pr #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
898410025000 BELDEN-898410025000 Datasheet
252Kb / 3P
   RS485, 1 Pr #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
More results

Similar Description - 89841

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82842 ETC2-82842 Datasheet
103Kb / 3P
   Low cap 24 AWG stranded (7x32) TC conductors, plenum, foam FEP insulation
1346352 ETC2-1346352 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, plenum, FEP insulation,
1344471 ETC2-1344471 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
1347778 ETC2-1347778 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
9843 ETC2-9843 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
29471 ETC2-29471 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
9832 ETC2-9832 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com