Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S327KGJRKT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-S327KGJRKT
Description  SMD LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S327KGJRKT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-S327KGJRKT_15 Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S327KGJRKT_15 Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S327KGJRKT_15 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S327KGJRKT_15 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S327KGJRKT_15 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S327KGJRKT_15 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S327KGJRKT_15 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S327KGJRKT_15 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S327KGJRKT_15 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1/11
Part No. : LTST-S327KGJRKT
BNS-OD-FC002/A4
SMD LED
LTST-S327KGJRKT
1. Description
SMD LED lamps from Lite-On are available in miniature sizes and special configurations for automated PC board assembly and
space-sensitive applications. These SMD LED lamps are suitable for use in a wide variety of electronic equipment, including
cordless and cellular phones, notebook computers, network systems, home appliances, and indoor signboard applications.
1.1 Features
Meet RoHS
Side Looking Dual Color Chip LED with Tin Plating,.
Ultra bright AlInGaP Chip LED.
Package in 8mm tape on 7" diameter reels.
EIA STD package.
I.C. compatible.
Compatible with automatic placement equipment.
Compatible with infrared reflow solder process.
1.2 Applications
Telecommunication, Office automation, home appliances,
industrial equipment
Keypad/Keyboard Backlighting
Status indicator
Micro-displays
Signal and Symbol Luminary
2. Package Dimensions
Part No.
Lens Color
Source Color
Pin Assignment
LTST-S327KGJRKT
Water Clear
AlInGaP Green
A1
AlInGaP Red
A2
Notes:
1.
All dimensions are in millimeters.
2.
Tolerance is ±0.1 mm (.004") unless otherwise noted.


Similar Part No. - LTST-S327KGJRKT_15

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S327KGJRKT LITEON-LTST-S327KGJRKT Datasheet
434Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
More results

Similar Description - LTST-S327KGJRKT_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com