Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62004DGS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62004DGS
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62004DGS Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62004DGS Datasheet HTML 6Page - Texas Instruments TPS62004DGS Datasheet HTML 7Page - Texas Instruments TPS62004DGS Datasheet HTML 8Page - Texas Instruments TPS62004DGS Datasheet HTML 9Page - Texas Instruments TPS62004DGS Datasheet HTML 10Page - Texas Instruments TPS62004DGS Datasheet HTML 11Page - Texas Instruments TPS62004DGS Datasheet HTML 12Page - Texas Instruments TPS62004DGS Datasheet HTML 13Page - Texas Instruments TPS62004DGS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SLVS294C − SEPTEMBER 2000 − REVISED SEPTEMBER 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VI = 3.6 V,
VO = 2.5 V, IO = 300 mA, EN = VIN, ILIM = VIN, TA = −40°C to 85°C (unless otherwise noted) (continued)
output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Adjustable output voltage range
TPS62000
0.8
5.5
V
Vref
Reference voltage
TPS6200x
0.45
V
TPS62000
adjustable
VI = 2.5 V to 5.5 V; 0 mA ≤ IO ≤ 600 mA
−3%
4%
TPS62000
adjustable
10 mA
< IO ≤ 600 mA
−3%
3%
TPS62001
0.9 V
VI = 2.5 V to 5.5 V; 0 mA ≤ IO ≤ 600 mA
−3%
4%
TPS62001
0.9 V
10 mA
< IO ≤ 600 mA
−3%
3%
TPS62002
1 V
VI = 2.5 V to 5.5 V; 0 mA ≤ IO ≤ 600 mA
−3%
4%
TPS62002
1 V
10 mA
< IO ≤ 600 mA
−3%
3%
TPS62003
1.2 V
VI = 2.5 V to 5.5 V; 0 mA ≤ IO ≤ 600 mA
−3%
4%
TPS62003
1.2 V
10 mA
< IO ≤ 600 mA
−3%
3%
VO
Fixed output voltage (see Note 4)
TPS62004
1.5 V
VI = 2.5 V to 5.5 V; 0 mA ≤ IO ≤ 600 mA
−3%
4%
V
VO
Fixed output voltage (see Note 4)
TPS62004
1.5 V
10 mA
< IO ≤ 600 mA
−3%
3%
V
TPS62005
1.8 V
VI = 2.5 V to 5.5 V; 0 mA ≤ IO ≤ 600 mA
−3%
4%
TPS62005
1.8 V
10 mA
< IO ≤ 600 mA
−3%
3%
TPS62008
1.9 V
VI = 2.5 V to 5.5 V; 0 mA ≤ IO ≤ 600 mA
−3%
4%
TPS62008
1.9 V
10 mA
< IO ≤ 600 mA
−3%
3%
TPS62006
2.5 V
VI = 2.7 V to 5.5 V; 0 mA ≤ IO ≤ 600 mA
−3%
4%
TPS62006
2.5 V
10 mA
< IO ≤ 600 mA
−3%
3%
TPS62007
3.3 V
VI = 3.6 V to 5.5 V; 0 mA ≤ IO ≤ 600 mA
−3%
4%
TPS62007
3.3 V
10 mA
< IO ≤ 600 mA
−3%
3%
Line regulation
VI = VO + 0.5 V (min. 2 V) to 5.5 V,
IO = 10 mA
0.05
%/V
Load regulation
VI = 5.5 V; IO = 10 mA to 600 mA
0.6%
Efficiency
VI = 5 V; VO = 3.3 V; IO = 300 mA
95%
η
Efficiency
VI = 3.6 V; VO = 2.5 V; IO = 200 mA
95%
Start-up time
IO = 0 mA, time from active EN to VO
0.4
2
ms
NOTE 4: The output voltage accuracy includes line and load regulation over the full temperature range, TA = −40°C to 85°C.


Similar Part No. - TPS62004DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62004DGS TI1-TPS62004DGS Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62004DGSG4 TI1-TPS62004DGSG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62004DGSR TI1-TPS62004DGSR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62004DGSRG4 TI1-TPS62004DGSRG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
More results

Similar Description - TPS62004DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com