Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5500FE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 5500FE
Description  Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper conductors with polyolefin insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5500FE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  5500FE Datasheet HTML 1Page - List of Unclassifed Manufacturers 5500FE Datasheet HTML 2Page - List of Unclassifed Manufacturers 5500FE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Item #
Putup
Ship Weight
Color
Notes
Item Desc
5500FE 008U1000
305 MT
4.990 KG
GRAY
2 #22 PP FS FRPVC
5500FE 008U500
152 MT
2.722 KG
GRAY
2 #22 PP FS FRPVC
5500FE 0081000
305 MT
4.990 KG
GRAY
2 #22 PP FS FRPVC
5500FE 008500
152 MT
2.495 KG
GRAY
2 #22 PP FS FRPVC
5500FE 009U1000
305 MT
4.990 KG
WHITE
2 #22 PP FS FRPVC
5500FE 010U1000
305 MT
4.990 KG
BLACK
2 #22 PP FS FRPVC
Revision Number: 3
Revision Date: 10-02-2013
© 2013 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
5500FE Multi-Conductor - Commercial Audio Systems - 2 Conductors Cabled


Similar Part No. - 5500FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5500FE BELDEN-5500FE Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-0081000 BELDEN-5500FE-0081000 Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-008500 BELDEN-5500FE-008500 Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-008U1000 BELDEN-5500FE-008U1000 Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-008U500 BELDEN-5500FE-008U500 Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
More results

Similar Description - 5500FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5541UE ETC2-5541UE Datasheet
99Kb / 3P
   Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper pairs with polyolefin insulation
5341FE ETC2-5341FE Datasheet
96Kb / 2P
   Security & Alarm Cable, Riser-CMR, 2-18 AWG stranded bare copper pairs with polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
   22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7960A ETC2-7960A Datasheet
122Kb / 3P
   22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation
1592A ETC2-1592A Datasheet
109Kb / 4P
   24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
7930A ETC2-7930A Datasheet
108Kb / 4P
   24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
7962A ETC2-7962A Datasheet
122Kb / 3P
   22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
7961A ETC2-7961A Datasheet
122Kb / 3P
   22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com