Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2413002A1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2413002A1000
Description  CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2413002A1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2413002A1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2413002A1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2413002A1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2413002A1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2413002A1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For more Information
please call
1-800-Belden1
General Description:
CAT6+ (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable, 23 AWG Solid
Bare Copper Conductors, Dual FRPO/FEP Insulation, Tape Separator, Ripcord, Flamarrest® Jacket
Usage (Overall)
Suitable Applications:
Premise Horizontal Cable, Gigabit Ethernet, 100BaseTX, 100BaseVG
ANYLAN, 155 ATM, 622 ATM, 250MHz Category 6
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
4
23
Solid
BC - Bare Copper
Total Number of Conductors:
8
Insulation
Insulation Material:
Insulation Material
FRPO/FEP - Flame Retardant Polyolefin/Fluorinated Ethylene Propylene
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Trade Name Outer Jacket Material
Flamarrest®
LS PVC - Low Smoke Polyvinyl Chloride
Outer Jacket Diameter:
Nom. Dia. (mm)
5.715
Outer Jacket Ripcord:
Yes
Overall Cable
Overall Cabling Separator Material:
Patented Dielectric Tape
Overall Nominal Diameter:
5.715 mm
Pair
Pair Color Code Chart:
Number Color
1
White/Blue Stripe & Blue
2
White/Orange Stripe & Orange
3
White/Green Stripe & Green
4
White/Brown Stripe & Brown
Mechanical Characteristics (Overall)
Storage Temperature Range:
-20°C To +75°C
Page 1 of 5
01-10-2014
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
2413 Multi-Conductor - Enhanced Category 6 Nonbonded-Pair Cables


Similar Part No. - 2413002A1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2413002A1000 ETC2-2413002A1000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
2413002A1000 ETC2-2413002A1000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
logo
Belden Inc.
2413002A1000 BELDEN-2413002A1000 Datasheet
274Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
More results

Similar Description - 2413002A1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3613 ETC2-3613 Datasheet
111Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
2413F ETC2-2413F Datasheet
109Kb / 4P
   CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
3612 ETC2-3612 Datasheet
110Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
1594A ETC2-1594A Datasheet
109Kb / 4P
   CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
logo
Belden Inc.
1213 BELDEN-1213 Datasheet
175Kb / 3P
   Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
2413 BELDEN-2413 Datasheet
274Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
   Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
10GX13 BELDEN-10GX13 Datasheet
177Kb / 3P
   10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
logo
List of Unclassifed Man...
1212F ETC2-1212F Datasheet
109Kb / 3P
   CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
logo
Belden Inc.
IBDN25P BELDEN-IBDN25P Datasheet
168Kb / 2P
   Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com