Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S33FBEGW-5A Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTST-S33FBEGW-5A
Description  SMD LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S33FBEGW-5A Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTST-S33FBEGW-5A_14 Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S33FBEGW-5A_14 Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S33FBEGW-5A_14 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S33FBEGW-5A_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S33FBEGW-5A_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S33FBEGW-5A_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S33FBEGW-5A_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S33FBEGW-5A_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S33FBEGW-5A_14 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
AlexChu2012/06/06
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta=25℃
Parameter
Symbol
LTST-S33FBEGW-5A
Unit
Test
Condition
Blue
Red
Green
Luminous Intensity
IV
MIN.
35.0
45.0
45.0
mcd
IF = 5mA
Note 1
TYP.
-
-
-
MAX.
180.0
280.0
280.0
Viewing Angle
2θ1/2
TYP.
130
deg
Note 2 (Fig.5)
Peak Emission Wavelength
λPeak
TYP.
468
632
518
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
MIN.
465
620
525
nm
IF = 5mA
Note 3
MAX.
475
630
540
Spectral Line Half-Width
Δλ
TYP.
25
17
35
nm
Forward Voltage
VF
MIN.
2.60
1.70
2.60
V
IF = 5mA
TYP.
-
-
-
MAX.
3.10
2.30
3.10
Reverse Current
IR
MAX.
10
10
10
μA
VR = 5V
Note 5
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
5. Reverse voltage (VR) condition is applied to IR test only. The device is not designed for reverse operation.
Part
No. : LTST-S33FBEGW-5A
Page :
4
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S33FBEGW-5A_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S33FBEGW-5A LITEON-LTST-S33FBEGW-5A Datasheet
508Kb / 12P
   ROHS/ Extra Thin (0.4Tmm) Side Looking Full Color Chip LED with Tin Plating
More results

Similar Description - LTST-S33FBEGW-5A_14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com